Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 30Page - Renesas Technology Corp R8C/13 Datasheet HTML 31Page - Renesas Technology Corp R8C/13 Datasheet HTML 32Page - Renesas Technology Corp R8C/13 Datasheet HTML 33Page - Renesas Technology Corp R8C/13 Datasheet HTML 34Page - Renesas Technology Corp R8C/13 Datasheet HTML 35Page - Renesas Technology Corp R8C/13 Datasheet HTML 36Page - Renesas Technology Corp R8C/13 Datasheet HTML 37Page - Renesas Technology Corp R8C/13 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 23 of 205
REJ09B0111-0120
R8C/13 Group
D40
Voltage detection interrupt register
Symbol
Address
After reset(10)
D4INT
001F16
Reset input : 0016
RESET pin = H retaining : 010000012
Voltage detection interrupt
enable bit(7)
Bit name
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
0 :
Disable
1 :
Enable
D41
Voltage detection digital filter
disable mode select bit
0: Digital filter enable mode (digital
filter circuit enabled)
1: Digital filter disable mode (digital
filter circuit disabled)
D42
Voltage change detection
flag(3, 4, 5)
0: Not detected
1: Vdet passing detection
D43
WDT overflow detect flag(3, 4)
0: Not detected (flag clear)
1: Detected
DF0
Sampling clock select bit
00 : fRING-S divided by 1
01 : fRING-S divided by 2
10 : fRING-S divided by 4
11 : fRING-S divided by 8
DF1
NOTES:
1. Set the PRC3 bit in the PRCR register to “1” (write enable) before writing to this register.
2. If the voltage detection interrupt needs to be used to get out of stop mode again after once used for that
purpose, reset the D41 bit by writing a “0” and then a “1”.
3. Valid when the VC27 bit in the VCR2 register is set to “1” (voltage detection circuit enabled).
4. If the VC27 bit is set to “0” (voltage detection circuit disabled), the D42 and D43 bits are set to “0” (not detected).
5. This bit is set to “0” by writing a “0” in a program. (writing a “1” has no effect.)
6. Valid when the D40 bit is set to “1” (voltage detection interrupt enabled).
7. The D40 bit is valid when the VC27 bit in the VCR2 register is set to “1” (voltage detection circuit enabled).
When setting the D40 bit to “1”, the following setting is required.
(1) Set the VC27 bit “1”.
(2) Wait for td(E-A) until the detecter circuit operates.
(3) Wait for the sampling time (the sampling clock which is selected in the DF0 bit to DF1 bit times 4 cycles.)
(4) Set the D40 bit to “1”.
(5) Set the CM14 bit in the CM1 register to “0” (low-speed on-chip oscillator on).
8. Valid when the D41 bit is set to “1” (digital filter disabled mode).
9. The D46 bit can be selected.
10. The software reset or the watchdog timer reset do not affect this register.
11. When the D46 bit is set to “1” (hardware reset 2 when Vdet passes), set the D47 bit to “1” (below Vdet).
(Do not set to “0”).
b5b4
RW
RW
RW
RW
RW
RW
RW
Function
Voltage detection condition
select bit(11)
D46
Voltage monitor mode select
bit(6)
0: Voltage detection interrupt
request is generated when
passing through Vdet
1: Hardware reset 2 when
passing through Vdet
RW
D47
RW
Voltage detection interrupt
request is generated
or hardware reset 2
when Vcc passes Vdet(9)
0: Over Vdet
1: Below Vdet
(1)
Figure 5.9 D4INT Register
5.4 Voltage Detection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com