Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 22Page - Renesas Technology Corp R8C/13 Datasheet HTML 23Page - Renesas Technology Corp R8C/13 Datasheet HTML 24Page - Renesas Technology Corp R8C/13 Datasheet HTML 25Page - Renesas Technology Corp R8C/13 Datasheet HTML 26Page - Renesas Technology Corp R8C/13 Datasheet HTML 27Page - Renesas Technology Corp R8C/13 Datasheet HTML 28Page - Renesas Technology Corp R8C/13 Datasheet HTML 29Page - Renesas Technology Corp R8C/13 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 15 of 205
REJ09B0111-0120
R8C/13 Group
b15
b0
Data register(R0)
Address register(A0)
Frame base register(FB)
Program counter(PC)
Interrupt table register(INTB)
User stack pointer(USP)
Interrupt stack pointer(ISP)
Static base register(SB)
Flag register(FLG)
000016
000016
000016
C
D
Z
S
B
O
I
U
IPL
000016
000016
000016
000016
000016
b19
b0
Content of addresses 0FFFE16 to 0FFFC16
b15
b0
b15
b0
b15
b0
b7
b8
0000016
Data register(R1)
Data register(R2)
Data register(R3)
Address register(A1)
000016
000016
000016
Figure 5.1 CPU Register Status After Reset
Figure 5.2 Reset Sequence
fRING-S
Address
(Internal address signal)
Content of reset vector
0FFFD16
CPU clock
CPU clock ✕ 28cycles
Internal on-chip
oscillation
0FFFC16
0FFFE16
Flash memory activated time
(CPU clock ✕ 64 cycles)
NOTES:
1. This shows hardware reset
More than 20 cycles are needed(1)
5.1 Hardware Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com