Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 52Page - Renesas Technology Corp R8C/13 Datasheet HTML 53Page - Renesas Technology Corp R8C/13 Datasheet HTML 54Page - Renesas Technology Corp R8C/13 Datasheet HTML 55Page - Renesas Technology Corp R8C/13 Datasheet HTML 56Page - Renesas Technology Corp R8C/13 Datasheet HTML 57Page - Renesas Technology Corp R8C/13 Datasheet HTML 58Page - Renesas Technology Corp R8C/13 Datasheet HTML 59Page - Renesas Technology Corp R8C/13 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 45 of 205
REJ09B0111-0120
R8C/13 Group
8. Processor Mode
8. Processor Mode
8.1 Types of Processor Mode
The processor mode is single-chip mode. Table 8.1 shows the features of the processor mode. Figure
8.1 shows the PM0 and PM1 register.
Processor mode register 0(1)
Symbol
Address
After reset
PM0
000416
0016
Bit name
Function
Bit symbol
RW
b7
b6
b5
b4
b3
b2
b1
b0
PM03
(b2-b0)
Reserved bit
Software reset bit
Setting this bit to “1” resets the
microcomputer. When read, its
content is “0”.
RW
RW
Set to “0”
NOTES:
1. Set the PRC1 bit in the PRCR register to "1" (write enable) before writing to this register.
00
Nothing is assigned. When write, set to “0”. When read, its
content is "0".
(b7-b4)
0
Figure 8.1 PM0 Register and PM1 Register
Table 8.1 Features of Processor Mode
Processor mode register 1
SymbolAddressAfter reset
PM1000516
0016
Bit nameFunction
Bit symbol
RW
b7b6b5
b4b3b2
b1b0
RW
NOTES:
1. Set the PRC1 bit in the PRCR register to "1" (write enable) before writing to this register.
2. PM12 bit is set to “1” by writing a “1” in a program. (Writing a “0” has no effect.)
0 : Watchdog timer interrupt
1 : Watchdog timer reset(2)
WDT interrupt/reset
switch bit(2)
PM12
RW
0
(b1)
0 : Disabled
1 : Enabled
PM10
Data area access enable
bit
Nothing is assigned. When write, set to “0”. When read, its
content is 0.
(b6-b3)
0
RW
Set to “0”
Reserved bit
RW
Set to “0”
(b7)
Reserved bit
(1)
Processor mode
Access space
Pins which are assigned I/O ports
Single-chip mode
SFR, internal RAM, internal ROM
All pins are I/O ports or peripheral
function I/O pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com