Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 74Page - Renesas Technology Corp R8C/13 Datasheet HTML 75Page - Renesas Technology Corp R8C/13 Datasheet HTML 76Page - Renesas Technology Corp R8C/13 Datasheet HTML 77Page - Renesas Technology Corp R8C/13 Datasheet HTML 78Page - Renesas Technology Corp R8C/13 Datasheet HTML 79Page - Renesas Technology Corp R8C/13 Datasheet HTML 80Page - Renesas Technology Corp R8C/13 Datasheet HTML 81Page - Renesas Technology Corp R8C/13 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 67 of 205
REJ09B0111-0120
R8C/13 Group
Bit name
Bit symbol
Symbol
Address
After reset
AIER
000916
XXXXXX002
Address match interrupt enable register
Function
RW
Address match interrupt 0
enable bit
0 : Interrupt disabled
1 : Interrupt enabled
AIER0
Address match interrupt 1
enable bit
AIER1
b7
b6
b5
b4
b3
b2
b1
b0
0 : Interrupt disabled
1 : Interrupt enabled
RW
RW
(b7-b2)
Nothing is assigned.
When write, set to “0”.
When read, their contents are indeterminate.
Symbol
Address
After reset
RMAD0
001216 to 001016
X0000016
RMAD1
001616 to 001416
X0000016
Address setting register for address match interrupt
Function
Setting range
Address match interrupt register i (i = 0, 1)
0000016 to FFFFF16
b0 b7
b0
b3
(b19)
(b16)
b7
b0
(b15)
(b8)
b7
(b23)
RW
RW
Nothing is assigned. When write, set to “0”.
When read, its content is indeterminate.
(b7-b4)
Figure 10.17 AIER Register and RMAD0 to RMAD1 Registers
10.4 Address Match Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com