Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 42Page - Renesas Technology Corp R8C/13 Datasheet HTML 43Page - Renesas Technology Corp R8C/13 Datasheet HTML 44Page - Renesas Technology Corp R8C/13 Datasheet HTML 45Page - Renesas Technology Corp R8C/13 Datasheet HTML 46Page - Renesas Technology Corp R8C/13 Datasheet HTML 47Page - Renesas Technology Corp R8C/13 Datasheet HTML 48Page - Renesas Technology Corp R8C/13 Datasheet HTML 49Page - Renesas Technology Corp R8C/13 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 35 of 205
REJ09B0111-0120
R8C/13 Group
6.2 On-Chip Oscillator Clock
This clock is supplied by a on-chip oscillator. There are two kinds of on-chip oscillator: high-speed on-
chip oscillator and low-speed on-chip oscillator. These oscillators are selected by the bit HR01 bit in
the HR0 register.
6.2.1 Low-Speed On-Chip Oscillator Clock
The clock derived from the low-speed on-chip oscillator is used as the clock source for the CPU
clock, peripheral function clock, fRING, fRING128 and fRING-S.
After reset, the on-chip oscillator clock derived from low-speed on-chip oscillator by divided by 8 is
selected for the CPU clock.
If the main clock stops oscillating when the OCD1 to OCD0 bits in the OCD register are “112” (oscil-
lation stop detection function enabled), the low-speed on-chip oscillator automatically starts operat-
ing, supplying the necessary clock for the microcomputer.
The frequency of the low-speed on-chip oscillator varies depending on the supply voltage and the
operation ambient temperature. The application products must be designed with sufficient margin for
the frequency change.
6.2.2 High-Speed On-Chip Oscillator Clock
The clock derived from high-speed on-chip oscillator is used as the clock source for the CPU clock,
peripheral function clock, fRING, fRING128, and fRING1-fast.
After reset, the on-chip oscillator clock derived from high-speed on-chip oscillator is halted. The
oscillation is started by setting the HR00 bit in the HR0 register to “1” (high-speed on-chip oscillator
on). The frequency can be adjusted by the HR1 register.
The relationship between the value of HR1 register and the period of high-speed on-chip oscillator is
shown below. It is noted that the difference in delay between the bits should be adjusted by changing
each bit. Bit 7 should be set be “0”.
Period of high-speed on-chip oscillator = td(HR offset) + (64 ✕ b6 + 32 ✕ b5 + 16 ✕ b4 + 8 ✕ b3 + 4
✕ b2 + 2 ✕ b1 + b0) ✕ td(HR)
b0 to b6 : Bits in HR1 register
6.2 On-chip Oscillator Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com