Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 35Page - Renesas Technology Corp R8C/13 Datasheet HTML 36Page - Renesas Technology Corp R8C/13 Datasheet HTML 37Page - Renesas Technology Corp R8C/13 Datasheet HTML 38Page - Renesas Technology Corp R8C/13 Datasheet HTML 39Page - Renesas Technology Corp R8C/13 Datasheet HTML 40Page - Renesas Technology Corp R8C/13 Datasheet HTML 41Page - Renesas Technology Corp R8C/13 Datasheet HTML 42Page - Renesas Technology Corp R8C/13 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 28 of 205
REJ09B0111-0120
R8C/13 Group
5.4.2 Exiting Stop Mode on a Voltage Detection Interrupt
A voltage detection interrupt is generated when the input voltage at the VCC pin rises to Vdet or more
or drops below Vdet if all of the following conditions hold true in stop mode.
• The VC27 bit in the VCR2 register is set to “1” (voltage detection circuit enabled)
• The D40 bit in the D4INT register is set to “1” (voltage detection interrupt enabled)
• The D41 bit in the D4INT register is set “1” (digital filter disabled mode)
• The D46 bit in the D4INT register is set “0” (voltage detection interrupt selected)
The voltage detection interrupt shares the interrupt vector with the watchdog timer interrupt and oscil-
lation stop detection interrupt.
The D42 bit in the D4INT register becomes “1” when passing through Vdet is detected after the volt-
age inputted to the VCC pin is up or down.
A voltage detection interrupt request is generated when the D42 bit changes state from “0” to “1”. The
D42 bit needs to be set to “0” in a program.
Table 5.3 lists the voltage detection interrupt request generation conditions to get out of stop mode.
Table 5.3 Voltage Detection Interrupt Request Generation Conditions to get out of Stop mode
VC27 bit
D40 bitD42 bit
D41 bit
VC13 bit
Operation mode
11
D46 bit
0
From 0 to 1
From 1 to 0
Stop mode
NOTES:
1. The status except the wait mode and stop mode is handled as the normal mode. (Refer to Chapter 6, "Clock
Generation Circuit.")
2. Refer to Figure 5.14, "Operation Example of Voltage Detection Interrupt Generation Circuit" for interrupt generation
timing.
1
0
D47 bit
0 or 1
5.4 Voltage Detection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com