Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 29Page - Renesas Technology Corp R8C/13 Datasheet HTML 30Page - Renesas Technology Corp R8C/13 Datasheet HTML 31Page - Renesas Technology Corp R8C/13 Datasheet HTML 32Page - Renesas Technology Corp R8C/13 Datasheet HTML 33Page - Renesas Technology Corp R8C/13 Datasheet HTML 34Page - Renesas Technology Corp R8C/13 Datasheet HTML 35Page - Renesas Technology Corp R8C/13 Datasheet HTML 36Page - Renesas Technology Corp R8C/13 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 22 of 205
REJ09B0111-0120
R8C/13 Group
Figure 5.8 VCR1 Register and VCR2 Register
VC13
Voltage detection register 1
Symbol
Address
After reset(2)
VCR1
001916
000010002
Voltage monitor flag(1)
Bit name
Function
Bit symbol
RW
b7b6b5b4b3b2b1b0
NOTES:
1. The VC13 bit is valid when the VC27 bit in the VCR2 register is set to “1” (voltage detection circuit enabled). The
VC13 bit is set to “1” (VCC
≥Vdet or voltage detection circuit disabled) when the VC27 bit in the VCR2 register is set
to “0” (voltage detection circuit disabled).
2. Software reset or the watchdog timer reset does not affect this register.
0:VCC < Vdet
1:VCC
≥ Vdet or voltage
detection circuit disabled
RO
0000
000
RW
RW
Reserved bit
Reserved bit
Should set to “0”
Should set to “0”
Voltage detection register 2
Symbol
Address
After reset(3)
VCR2
001A16
Reset input : 0016
RESET pin = “H” retaining : 100000002
Bit name
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
NOTES:
1. Set the PRC3 bit in the PRCR register to “1” (write enabled) before writing to this register.
2. Set the VC27 bit to “1” (voltage detect circuit enabled) when hardware reset 2 is used.
After the VC27 bit is set to “1”, the voltage detection circuit elapses for td(E-A) before starting operation.
3. Software reset or the watchdog timer reset does not affect this register.
VC27
Voltage monitor enable
bit(2)
0: Voltage detection circuit
disabled
1: Voltage detection circuit
enabled
RW
RW
RW
00000
Function
Reserved bit
Should set to “0”
(b2-b0)
(b7-b4)
(b6-b0)
00
(1)
5.4 Voltage Detection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com