Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 21Page - Renesas Technology Corp R8C/13 Datasheet HTML 22Page - Renesas Technology Corp R8C/13 Datasheet HTML 23Page - Renesas Technology Corp R8C/13 Datasheet HTML 24Page - Renesas Technology Corp R8C/13 Datasheet HTML 25Page - Renesas Technology Corp R8C/13 Datasheet HTML 26Page - Renesas Technology Corp R8C/13 Datasheet HTML 27Page - Renesas Technology Corp R8C/13 Datasheet HTML 28Page - Renesas Technology Corp R8C/13 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 14 of 205
REJ09B0111-0120
R8C/13 Group
5. Reset
There are three types of resets: a hardware reset, a software reset, and an watchdog timer reset.
5.1 Hardware Reset
There are three kinds of hardware reset: hardware reset 1, hardware reset 2, and power-on reset.
After reset, the low-speed on-chip oscillator clock divided by 8 is automatically selected for the CPU.
5.1.1 Hardware Reset 1
____________
____________
A reset is applied using the RESET pin. When an “L” signal is applied to the RESET pin while the
power supply voltage is within the recommended operating condition, the pins are initialized (see
____________
____________
Table 5.1 “Pin Status When RESET Pin Level is 'L'”). When the input level at the RESET pin is
released from “L” to “H”, the CPU and SFR are initialized, and the program is executed starting
from the address indicated by the reset vector. Figure 5.1 shows the CPU register status after
____________
reset and figure 5.2 shows the reset sequence. The internal RAM is not initialized. If the RESET
pin is pulled “L” while writing to the internal RAM, the internal RAM becomes indeterminate.
Figures 5.3 to 5.4 show the reset circuit example using the hardware reset 1. Refer to Chapter 4,
“Special Function Register (SFR)” for the status of SFR after reset.
• When the power supply is stable
____________
(1) Apply an “L” signal to the RESET pin.
(2) Wait for 500 µs (1/fRING-S ✕ 20).
____________
(3) Apply an “H” signal to the RESET pin.
• Power on
____________
(1) Apply an “L” signal to the RESET pin.
(2) Let the power supply voltage increase until it meets the recommended operating condi-
tion.
(3) Wait td(P-R) or more until the internal power supply stabilizes.
(4) Wait for 500 µs (1/fRING-S ✕ 20).
____________
(5) Apply an “H” signal to the RESET pin.
Pin status
Pin name
P0
P1
P30 to P33, P37
P45 to P47
Input port
Input port
Input port
Input port
____________
Table 5.1 Pin Status When RESET Pin Level is “L”
5.1 Hardware Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com