Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 73Page - Renesas Technology Corp R8C/13 Datasheet HTML 74Page - Renesas Technology Corp R8C/13 Datasheet HTML 75Page - Renesas Technology Corp R8C/13 Datasheet HTML 76Page - Renesas Technology Corp R8C/13 Datasheet HTML 77Page - Renesas Technology Corp R8C/13 Datasheet HTML 78Page - Renesas Technology Corp R8C/13 Datasheet HTML 79Page - Renesas Technology Corp R8C/13 Datasheet HTML 80Page - Renesas Technology Corp R8C/13 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 66 of 205
REJ09B0111-0120
R8C/13 Group
10.4 Address Match Interrupt
An address match interrupt is generated immediately before executing the instruction at the address
indicated by the RMADi register (i=0, 1). Set the start address of any instruction in the RMADi register.
Use the AIER0 and AIER1 bits in the AIER register to enable or disable the interrupt. Note that the
address match interrupt is unaffected by the I flag and IPL.
The value of the PC that is saved to the stack when an address match interrupt is acknowledged varies
depending on the instruction at the address indicated by the RMAD i register (see the paragraph “register
saving” for the value of the PC). Not appropriate return address is pushed on the stack. There are two
ways to return from the address match interrupt as follows:
• Change the content of the stack and use a REIT instruction.
• Use an instruction such as POP to restore the stack as it was before an interrupt request was acknowl-
edged. And then use a jump instruction.
Table 10.6 lists the value of the PC that is saved to the stack when an address match interrupt is acknowl-
edged.
Figure 10.17 shows the AIER, and RMAD1 to RMAD0 registers.
Table 10.6 Value of PC Saved to Stack when Address Match Interrupt Acknowledged
Address indicated by RMADi register (i=0,1)
PC value saved(1)
• 16-bit operation code instruction
Address indicated by
• Instruction shown below among 8-bit operation code instructions
RMADi register + 2
ADD.B:S
#IMM8,dest
SUB.B:S
#IMM8,dest
AND.B:S #IMM8,dest
OR.B:S
#IMM8,dest
MOV.B:S #IMM8,dest
STZ.B:S #IMM8,dest
STNZ.B:S #IMM8,dest
STZX.B:S #IMM81,#IMM82,dest
CMP.B:S #IMM8,dest
PUSHM
src
POPM dest
JMPS
#IMM8
JSRS
#IMM8
MOV.B:S #IMM,dest (However, dest = A0 or A1)
• Instructions other than the above
Address indicated by
RMADi register + 1
NOTES:
1. See the paragraph “saving registers” for the PC value saved.
Table 10.7 Relationship Between Address Match Interrupt Sources and Associated Registers
Address match interrupt factors
Address match interrupt enable bit
Address match interrupt register
Address match interrupt 0
AIER0
RMAD0
Address match interrupt 1
AIER1
RMAD1
10.4 Address Match Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com