Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 88Page - Renesas Technology Corp R8C/13 Datasheet HTML 89Page - Renesas Technology Corp R8C/13 Datasheet HTML 90Page - Renesas Technology Corp R8C/13 Datasheet HTML 91Page - Renesas Technology Corp R8C/13 Datasheet HTML 92Page - Renesas Technology Corp R8C/13 Datasheet HTML 93Page - Renesas Technology Corp R8C/13 Datasheet HTML 94Page - Renesas Technology Corp R8C/13 Datasheet HTML 95Page - Renesas Technology Corp R8C/13 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 81 of 205
REJ09B0111-0120
R8C/13 Group
Timer Y, Z output control register
SymbolAddressAfter reset
TYZOC008A16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TZOCNT
TYOCNT
TZOS
Nothing is assigned.
When write, set to "0". When read, its content is "0".
Timer Z one-shot
start bit(1)
Timer Y programmable
waveform generation
output switching bit(2)
0 : Outputs programmable waveform
1 : Outputs the value of P32 port register
0 : Outputs programmable waveform
1 : Outputs the value of P31 port register
0 : Stops one-shot
1 : Starts one-shot
Timer Z programmable
waveform generation
output switching bit(2)
NOTES:
1. This bit is set to "0" when the output of one-shot waveform is completed. The TZOS bit should be set to "0" if the
one-shot waveform output is terminated by setting the TZS bit in the TYZMR to "0" during the waveform output.
2. This bit is enabled only when operating in programmable waveform generation mode.
3. If executing an instruction which changes this register when the TZOS bit is “1” (during the count), the TZOS is
automatically set to “0” when the count completes while the instruction is executed. If this causes some problems,
execute an instruction which changes this register when the TZOS bit is “0” (one shot stop).
RW
RW
RW
RW
(b7-b3)
(3)
Figure 12.13 PREY Register, TYSC Register, TYPR Register, and TYZOC Register
Timer Y primary register
Timer Y secondary register
SymbolAddressAfter reset
TYSC008216
FF16
NOTES:
1. The values of TYPR register and TYSC register are reloaded to the counter alternately for counting.
2. The count value can be read out by reading the TYPR register even when the secondary period is being
counted.
Symbol
Address
After reset
PREY
008116
FF16
b0
RW
Internal count source or CNTR1
input is counted
FunctionSetting range
Prescaler Y register
0016 to FF16
Internal count source is counted
0016 to FF16
Timer mode
Programmable
waveform generation
mode
Mode
RW
RW
Symbol
Address
After reset
TYPR
008316
FF16
b7
RW
Disabled
FunctionSetting range
Underflow of Prescaler Y is
counted(1)
0016 to FF16
Timer mode
Programmable
waveform generation
mode
Mode
WO(2)
RW
Underflow of Prescaler Y is
counted
Function
Setting range
Underflow of Prescaler Y is
counted(1)
0016 to FF16
Timer mode
Programmable
waveform generation
mode
Mode
0016 to FF16
RW
RW
NOTES:
1. The values of TYPR register and TYSC register are reloaded to the counter alternately for counting.
b0
b7
b0
b7
12.2 Timer (Timer Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com