Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 85Page - Renesas Technology Corp R8C/13 Datasheet HTML 86Page - Renesas Technology Corp R8C/13 Datasheet HTML 87Page - Renesas Technology Corp R8C/13 Datasheet HTML 88Page - Renesas Technology Corp R8C/13 Datasheet HTML 89Page - Renesas Technology Corp R8C/13 Datasheet HTML 90Page - Renesas Technology Corp R8C/13 Datasheet HTML 91Page - Renesas Technology Corp R8C/13 Datasheet HTML 92Page - Renesas Technology Corp R8C/13 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 78 of 205
REJ09B0111-0120
R8C/13 Group
12.1.5 Pulse Period Measurement Mode
In this mode, the timer measures the pulse period of an external signal fed to INT1/CNTR0 pin (See
“Table 12.6 Pulse Period Measurement Mode Specifications”). Figure 12.9 shows the TXMR register
in pulse period measurement mode. Figure 12.10 shows an operation example in pulse period mea-
surement mode.
Item
Specification
Count source
f1, f2, f8, f32
Count operation
• Down-count
• After an active edge of measurement pulse is input, contents in the read-out buffer is
retained in the first underflow of prescaler X. Then the timer X reloads contents in the
reload register in the second underflow of prescaler X and continues counting.
Count start condition
Write “1” (count start) to TXS bit in TXMR register
Count stop condition
Write “0” (count stop) to TXS bit in TXMR register
Interrupt request
• When Timer X underflows or reloads [Timer X interrupt]
generation timing
_____
• Rising or falling of CNTR0 input (end of measurement period) [INT1 interrupt]
INT1/CNTR0 pin function
_______
Measurement pulse input(1)(INT1 interrupt input)
CNTR0 pin function
Programmable I/O port
Read from timer
Contents in the read-out buffer can be read by reading TX register. The value retained in
the read-out buffer is released by reading TX register.
Write to timer
Value written to TX register is written to both reload register and counter.
Same applies to PREX register.
Select function
_____
• INT1/CNTR0 polarity switching function
Measurement period of input pulse can be selected with R0EDG bit.
NOTES:
1. The period of input pulse must be longer than twice the period of prescaler X. Longer pulse for H width and L width than
the prescaler X period must be input. If shorter pulse than the period is input to the CNTR0 pin, the input may be disabled.
Table 12.6 Pulse Period Measurement Mode Specifications
Timer X mode register
SymbolAddressAfter reset
TXMR008B16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Timer mode or pulse period
measurement mode
b1 b0
TXMOD2
TXS
TXMOD1
R0EDG
TXMOD0
TXOCNT
INT1/CNTR0
polarity
switching bit(1)
Operation mode
select bit 0, 1
[CNTR0]
0: Measures a measurement pulse from one
rising edge to the next rising edge
1: Measures a measurement pulse from one
falling edge to the next falling edge
[INT1]
0: Rising edge
1: Falling edge
Timer X count
start flag
0 : Stops counting
1 : Starts counting
Operation mode
select bit 2
1 : Pulse period measurement mode
1
0 0
Set to “0” in pulse period measurement mode
0
TXEDG(2)
TXUND(2)
Timer X
underflow flag
0 : No under flow
1 : Under flow found
0 : No active edge
1 : Active edge found
Active edge
judgment flag
NOTES:
1. The IR bit in the INT1IC register may be set to “1” (interrupt requested) when the R0EDG bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
2. This bit is set to “0” by writing “0” in a program. (It remains unchanged even if writing “1”)
RW
RW
RW
RW
RW
RW
RW
RW
RW
Figure 12.9 TXMR Register in Pulse Period Measurement Mode
12.1 Timer (Timer X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com