Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 47Page - Renesas Technology Corp R8C/13 Datasheet HTML 48Page - Renesas Technology Corp R8C/13 Datasheet HTML 49Page - Renesas Technology Corp R8C/13 Datasheet HTML 50Page - Renesas Technology Corp R8C/13 Datasheet HTML 51Page - Renesas Technology Corp R8C/13 Datasheet HTML 52Page - Renesas Technology Corp R8C/13 Datasheet HTML 53Page - Renesas Technology Corp R8C/13 Datasheet HTML 54Page - Renesas Technology Corp R8C/13 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 40 of 205
REJ09B0111-0120
R8C/13 Group
6.4.3 Stop Mode
In stop mode, all oscillator circuits are turned off, so are the CPU clock and the peripheral function
clocks. Therefore, the CPU and the peripheral functions clocked by these clocks stop operating. The
least amount of power is consumed in this mode. If the voltage applied to Vcc pin is VRAM or more, the
internal RAM is retained.
However, the peripheral functions clocked by external signals keep operating. The following interrupts
can be used to exit stop mode.
• Key interrupt
______
______
______
• INT0 to INT2 interrupts (INT0 can be used only when there is no filter.)
• INT3 interrupt (INT3 can be used when there is no filter and Timer C output compare mode (the
TCC13 bit in the TCC1 register is set to “1”)
• Timer X interrupt (when counting external pulses in event counter mode)
• Timer Y interrupt (when counting inputs from CNTR1 pin in timer mode)
• Serial interfaces interrupt (when external clock is selected)
• Voltage detection interrupt
• Entering Stop Mode
The microcomputer is placed into stop mode by setting the CM10 bit of CM1 register to “1” (all clocks
turned off). At the same time, the CM06 bit of CM0 register is set to “1” (divide-by-8 mode) and the
CM15 bit of CM10 register is set to “1” (main clock oscillator circuit drive capability high).
Before entering stop mode, set the OCD1 to OCD0 bits to “002” (oscillation stop detection function
disable).
• Pin Status in Stop Mode
The status before wait mode is retained.
However, the XOUT(P47) pin is held “H” when the CM13 bit in the CM1 register is set to “1” (XIN-XOUT
pin). The P47(XOUT) is in input state when the CM13 bit is set to “0” (input port P46, P47).
• Exiting Stop Mode
The microcomputer is moved out of stop mode by a hardware reset or peripheral function interrupt.
When using a hardware reset to exit stop mode, set the ILVL2 to ILVL0 bits for the peripheral function
interrupts to “0002” (interrupts disabled) before setting the CM10 bit to “1”.
When using a peripheral function interrupt to exit stop mode, set up the following before setting the
CM10 bit to “1”.
1. In the ILVL2 to ILVL0 bits in the interrupt control register, set the interrupt priority level of the
peripheral function interrupt to be used to exit stop mode.
Also, for all of the peripheral function interrupts not used to exit stop mode, set the ILVL2 to ILVL0
bits to “0002”.
2. Set the I flag to “1”.
3. Enable the peripheral function whose interrupt is to be used to exit stop mode.
In this case, when an interrupt request is generated and the CPU clock is thereby turned on, an
interrupt sequence is executed.
The main clock divided by 8 of the clock which is used right before stop mode is used for the CPU
clock when exiting stop mode by a peripheral function interrupt.
6.4 Power Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com