Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 44Page - Renesas Technology Corp R8C/13 Datasheet HTML 45Page - Renesas Technology Corp R8C/13 Datasheet HTML 46Page - Renesas Technology Corp R8C/13 Datasheet HTML 47Page - Renesas Technology Corp R8C/13 Datasheet HTML 48Page - Renesas Technology Corp R8C/13 Datasheet HTML 49Page - Renesas Technology Corp R8C/13 Datasheet HTML 50Page - Renesas Technology Corp R8C/13 Datasheet HTML 51Page - Renesas Technology Corp R8C/13 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 37 of 205
REJ09B0111-0120
R8C/13 Group
6.4 Power Control
There are three power control modes. All modes other than wait and stop modes are referred to as
normal operation mode.
6.4.1 Normal Operation Mode
Normal operation mode is further classified into four modes.
In normal operation mode, because the CPU clock and the peripheral function clocks both are on, the
CPU and the peripheral functions are operating. Power control is exercised by controlling the CPU
clock frequency. The higher the CPU clock frequency, the greater the processing capability. The lower
the CPU clock frequency, the smaller the power consumption in the chip. If the unnecessary oscillator
circuits are turned off, the power consumption is further reduced.
Before the clock sources for the CPU clock can be switched over, the new clock source to which
switched must be oscillating stably. If the new clock source is the main clock, allow a sufficient wait
time in a program until it becomes oscillating stably.
• High-speed Mode
The main clock divided by 1 (undivided) provides the CPU clock. If the CM14 bit is set to “0” (low-
speed on-chip oscillator on) or the HR00 bit in the HR0 register is set to “1” (high-speed on-chip
oscillator on), the fRING and fRING128 can be used for timers Y and C. When the HR00 bit is set to “1”,
fRING-fast can be used for timer C.
• Medium-speed Mode
The main clock divided by 2, 4, 8 or 16 provides the CPU clock. If the CM14 bit is set to “0” (low-
speed on-chip oscillator on) or the HR00 bit in the HR0 register is set to “1” (high-speed on-chip
oscillator on), the fRING and fRING128 can be used for timers Y and C. When the HR00 bit is set to “1”,
fRING-fast can be used for timer C.
• High-speed, Low-speed, On-Chip Oscillator Mode
The on-chip oscillator clock divided by 1 (undivided), 2, 4, 8 or 16 provides the CPU clock. The on-
chip oscillator clock is also the clock source for the peripheral function clocks. When the HR00 bit is
set to “1”, fRING-fast can be used for timer C.
6.4 Power Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com