Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 40Page - Renesas Technology Corp R8C/13 Datasheet HTML 41Page - Renesas Technology Corp R8C/13 Datasheet HTML 42Page - Renesas Technology Corp R8C/13 Datasheet HTML 43Page - Renesas Technology Corp R8C/13 Datasheet HTML 44Page - Renesas Technology Corp R8C/13 Datasheet HTML 45Page - Renesas Technology Corp R8C/13 Datasheet HTML 46Page - Renesas Technology Corp R8C/13 Datasheet HTML 47Page - Renesas Technology Corp R8C/13 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 33 of 205
REJ09B0111-0120
R8C/13 Group
Figure 6.4 HR0 Register and HR1 Register
High-speed on-chip oscillator control register 0
SymbolAddressAfter reset
HR0000816
0016
Bit name
Function
Bit symbol
b7
b6b5b4b3
b2b1b0
HR00
High-speed on-chip
oscillator enable bit
0: High-speed on-chip oscillator off
1: High-speed on-chip oscillator on
NOTES:
1. The HR01 bit should be changed under the following conditions.
• HR00 = 1 (high-speed on-chip oscillator on)
• CM1 register CM14 bit = 0 (low-speed on-chip oscillator on)
2. When writing “0”(low-speed on-chip oscillator selected) to the HR01 bit, do not write “0”(high-speed on-chip oscillator stops) to
the HR00 bit simultaneously. Set the HR00 bit to “0” after setting the HR01 bit to “0”.
3. Set the PRC0 bit in the PRCR register to “1” (write enable) before rewriting this register.
RW
Reserved bit
Set to
“0”
0
0
(b7-b2)
High-speed on-chip
oscillator select bit(1)
0: Low-speed on-chip oscillator selected(2)
1: High-speed on-chip oscillator selected
HR01
RW
RW
RW
High-speed on-chip oscillator control register 1
SymbolAddressAfter reset
HR1000B16
4016
Function
b7b6
b5b4b3b2
b1b0
The frequency of high-speed on-chip oscillator is adjusted with bits 0 to bits 6.
Period of high-speed on-chip oscillator
= td(HR offset) + (64 ✕ b6 + 32 ✕ b5 + 16 ✕ b4 + 8 ✕ b3 + 4 ✕ b2 + 2 ✕ b1 + b0) ✕ td(HR)
Bit 7 should be set to “0”.
RW
0
RW
0
0
0
0
0
NOTES:
1. Set the PRC0 bit in the PRCR register to “1” (write enable) before rewriting this register.
(3)
(1)
6. Clock Generating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com