Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 3 Page - Renesas Technology Corp

  R8C/13 Datasheet HTML 1Page - Renesas Technology Corp R8C/13 Datasheet HTML 2Page - Renesas Technology Corp R8C/13 Datasheet HTML 3Page - Renesas Technology Corp R8C/13 Datasheet HTML 4Page - Renesas Technology Corp R8C/13 Datasheet HTML 5Page - Renesas Technology Corp R8C/13 Datasheet HTML 6Page - Renesas Technology Corp R8C/13 Datasheet HTML 7Page - Renesas Technology Corp R8C/13 Datasheet HTML 8Page - Renesas Technology Corp R8C/13 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 224 page
background image
How to Use This Manual
1.
Introduction
This hardware manual provides detailed information on the R8C/13 Group of microcomputers.
Users are expected to have basic knowledge of electric circuits, logical circuits and microcomputers.
2.
Register Diagram
The symbols, and descriptions, used for bit function in each register are shown below.
*1
Blank:Set to “0” or “1” according to the application
0: Set to “0”
1: Set to “1”
X: Nothing is assigned
*2
RW: Read and write
RO: Read only
WO: Write only
−: Nothing is assigned
*3
•Reserved bit
Reserved bit. Set to specified value.
*4
•Nothing is assigned
Nothing is assigned to the bit concerned. As the bit may be use for future functions,
set to “0” when writing to this bit.
•Do not set to this value
The operation is not guaranteed when a value is set.
•Function varies depending on mode of operation
Bit function varies depending on peripheral function mode.
Refer to respective register for each mode.
*5
Follow the text in each manual for binary and hexadecimal notations.
*4
XXX register
SymbolAddressAfter reset
XXXXXX00h
Bit Name
Bit symbol
RW
b7b6b5b4b3b2b1b0
XXX Bit
1 0: XXX
0 1: XXX
1 0: Avoid this setting
1 1: XXX
b1 b0
XXX1
XXX0
XXX4
Reserved Bit
XXX5
XXX7
XXX6
Function
Nothing is assigned.
When write, should set to "0". When read, its content is indeterminate.
XXX Bit
Function varies depending on each
operation mode
Must set to “0”
0
(b3)
(b2)
RW
RW
RW
RW
WO
RW
RO
XXX Bit
0: XXX
1: XXX
*1
*2
*3
*5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com