Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 7Page - Renesas Technology Corp R8C/13 Datasheet HTML 8Page - Renesas Technology Corp R8C/13 Datasheet HTML 9Page - Renesas Technology Corp R8C/13 Datasheet HTML 10Page - Renesas Technology Corp R8C/13 Datasheet HTML 11Page - Renesas Technology Corp R8C/13 Datasheet HTML 12Page - Renesas Technology Corp R8C/13 Datasheet HTML 13Page - Renesas Technology Corp R8C/13 Datasheet HTML 14Page - Renesas Technology Corp R8C/13 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 224 page
background image
B-2
SFR Page Reference
Address
RegisterSymbol Page
008016
008116
008216
008316
008416
008516
008616
008716
008816
008916
008A16
008B16
008C16
008D16
008E16
008F16
009016
009116
009216
009316
009416
009516
009616
009716
009816
009916
009A16
009B16
009C16
009D16
009E16
009F16
00A016
00A116
00A216
00A316
00A416
00A516
00A616
00A716
00A816
00A916
00AA16
00AB16
00AC16
00AD16
00AE16
00AF16
00B016
00B116
00B216
00B316
00B416
00B516
00B616
00B716
00B816
00B916
00BA16
00BB16
00BC16
00BD16
00BE16
00BF16
Timer X registerTX72
Timer Y secondary registerTYSC81
External input enable registerINTEN60
Prescaler Y registerPREY81
UART0 transmit/receive mode register
U0MR112
UART0 receive buffer register
U0RB111
UART1 transmit/receive mode register
U1MR112
UART1 transmit buffer registerU1TB111
UART1 receive buffer register
U1RB111
UART0 bit rate register
U0BRG111
UART0 transmit/receive control register 0
U0C0112
UART0 transmit/receive control register 1
U0C1113
UART1 bit rate registerU1BRG111
UART1 transmit/receive control register 0
U1C0112
UART1 transmit/receive control register 1
U1C1113
Timer Y, Z mode registerTYZMR80/88
Timer Y primary registerTYPR81
Timer Y, Z waveform output control register
PUM82/90
Prescaler Z registerPREZ89
Timer Z secondary registerTZSC89
Timer Z primary registerTZPR89
Timer Y, Z output control registerTYZOC81/89
Timer X mode registerTXMR71
Prescaler X registerPREX72
Timer count source setting registerTCSS 72/82/90
Timer C registerTC103
Key input enable registerKIEN65
Timer C control register 0TCC0103
Timer C control register 1TCC1104
UART transmit/receive control register 2
UCON113
UART0 transmit buffer registerU0TB111
Capture and compare 0 registerTM0103
Compare 1 registerTM1103
Address
RegisterSymbol
Page
00C016
00C116
00C216
00C316
00C416
00C516
00C616
00C716
00C816
00C916
00CA16
00CB16
00CC16
00CD16
00CE16
00CF16
00D016
00D116
00D216
00D316
00D416
00D516
00D616
00D716
00D816
00D916
00DA16
00DB16
00DC16
00DD16
00DE16
00DF16
00E016
00E116
00E216
00E316
00E416
00E516
00E616
00E716
00E816
00E916
00EA16
00EB16
00EC16
00ED16
00EE16
00EF16
00F016
00F116
00F216
00F316
00F416
00F516
00F616
00F716
00F816
00F916
03FA16
00FB16
00FC16
00FD16
00FE16
00FF16
01B316
01B416
01B516
01B616
01B716
AD register
AD
127
AD control register 0
ADCON0
126
AD control register 2
ADCON2
127
AD control register 1
ADCON1
126
Port P0 register
P0
143
Port P0 direction register
PD0
143
Port P1 register
P1
143
Port P1 direction register
PD1
143
Port P3 register
P3
143
Port P3 direction register
PD3
143
Port P4 register
P4
143
Port P4 direction register
PD4
143
Pull-up control register 0
PUR0
144
Port P1 drive capacity control register
DRR
144
Pull-up control register 1
PUR1
144
Flash memory control register 1
FMR1
172
Flash memory control register 0
FMR0
171
Flash memory control register 4
FMR4
172
Timer C output control register
TCOUT
104
Option function select register
OFS
69
0FFFF16
Blank columns are all reserved space. No use is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com