Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 31Page - Renesas Technology Corp R8C/13 Datasheet HTML 32Page - Renesas Technology Corp R8C/13 Datasheet HTML 33Page - Renesas Technology Corp R8C/13 Datasheet HTML 34Page - Renesas Technology Corp R8C/13 Datasheet HTML 35Page - Renesas Technology Corp R8C/13 Datasheet HTML 36Page - Renesas Technology Corp R8C/13 Datasheet HTML 37Page - Renesas Technology Corp R8C/13 Datasheet HTML 38Page - Renesas Technology Corp R8C/13 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 24 of 205
REJ09B0111-0120
R8C/13 Group
Figure 5.10 Operation Example of Voltage Detection Circuit
5.0 V
VCC
Internal reset signal
(D46 bit=1)
VC13 bit
VC27 bit
Vdet
Voltage detection
interrupt request
(D46 bit=0)
Interrupt acknowledged
5.0 V
Sampling time
(3 to 4 clock)
Set to“1” by program (voltage
detection circuit enabled)
Interrupt acknowledged
The above applies to the following conditions.
• D4INT register D40 bit = 1 (voltage detection interrupt enabled)
• D4INT register D41 bit = 0 (digital filter enabled mode)
Sampling time : 4 cycles of sampling clock selected in DF0 bit to DF1 bit
fRING
1
x 32
Sampling time
(3 to 4 clock)
5.4 Voltage Detection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com