Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 36Page - Renesas Technology Corp R8C/13 Datasheet HTML 37Page - Renesas Technology Corp R8C/13 Datasheet HTML 38Page - Renesas Technology Corp R8C/13 Datasheet HTML 39Page - Renesas Technology Corp R8C/13 Datasheet HTML 40Page - Renesas Technology Corp R8C/13 Datasheet HTML 41Page - Renesas Technology Corp R8C/13 Datasheet HTML 42Page - Renesas Technology Corp R8C/13 Datasheet HTML 43Page - Renesas Technology Corp R8C/13 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 29 of 205
REJ09B0111-0120
R8C/13 Group
• CPU clock source
• Peripheral function
clock source
Use of clock
Main clock
oscillation circuit
Item
Clock frequency
0 to 20 MHz
• Ceramic resonator
• Crystal oscillator
Usable oscillator
XIN, XOUT(1)
Pins to connect
oscillator
Present
Oscillation starts
and stops
Stopped
Oscillator status
after reset
Externally derived
clock can be input
Other
On-chip oscillator
• CPU clock source
• Peripheral function clock source
• CPU and peripheral function
clock sources when the main
clock stops oscillating
Approx. 8 MHz
Present
Stopped
NOTES:
1. Can be used as P46 and P47 when the on-chip oscillator clock is used for CPU clock while the main clock oscillation
circuit is not used.
High-speed on-chip oscillator
Low-speed on-chip oscillator
• CPU clock source
• Peripheral function clock source
• CPU and peripheral function
clock sources when the main
clock stops oscillating
Approx. 125 kHz
Present
Oscillating
(Note 1)
(Note 1)
6. Clock Generation Circuit
The clock generation circuit contains two oscillator circuits as follows:
• Main clock oscillation circuit
• On-chip oscillator (with oscillation stop detection function)
Table 6.1 lists the clock generation circuit specifications. Figure 6.1 shows the clock generation circuit.
Figures 6.2 to 6.4 show the clock-related registers.
Table 6.1 Clock Generation Circuit Specifications
6. Clock Generating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com