Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 86Page - Renesas Technology Corp R8C/13 Datasheet HTML 87Page - Renesas Technology Corp R8C/13 Datasheet HTML 88Page - Renesas Technology Corp R8C/13 Datasheet HTML 89Page - Renesas Technology Corp R8C/13 Datasheet HTML 90Page - Renesas Technology Corp R8C/13 Datasheet HTML 91Page - Renesas Technology Corp R8C/13 Datasheet HTML 92Page - Renesas Technology Corp R8C/13 Datasheet HTML 93Page - Renesas Technology Corp R8C/13 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 79 of 205
REJ09B0111-0120
R8C/13 Group
0F16
0E16
0E16 0D16 0C16 0B16 0A16 0916
0F16 0E16 0D16
0116 0016 0F16 0E16
0F16
0E16
0A16
0816
Timer X
reloads
0D16
0116
0F16 0E16
Timer X read
TXEDG bit in
TXMR register
(2)
Cleared to "0" by program
TXUND bit in
TXMR register
NOTES:
1. The contents of the read-out buffer can be read when the TX register is read in pulse period measurement mode.
2. After an active edge of measurement pulse is input, the TXEDG bit in the TXMR register is set to "1" (active edge found)
when the prescaler X underflows for the second time.
3. The TX register should be read before the next active edge is input after the TXEDG bit is set to "1" (active edge found).
The contents in the read-out buffer is retained until the TX register is read. If the TX register is not read before the next
active edge is input, the measured result of the previous period is retained.
4. When set to "0" by program, use a MOV instruction to write "0" to the TXEDG in the TXMR register. At the same time,
write "1" to the TXUND bit.
5. When set to "0" by program, use a MOV instruction to write "0" to the TXUND in the TXMR register. At the same time,
write "1" to the TXEDG bit.
6. The TXUND and TXEDG bits are both set to "1" if the timer underflows and reloads on an active edge simultaneously. In
this case, the validity of the TXUND bit should be determined by the contents of the read-out buffer.
7. If the CNTR0 active edge is input, when the prescaler X underflow signal is "H" level, its count value is the one of the
read buffer. If "L" level, the following count value is the one of the read buffer.
Conditions: A period from one rising edge to the next rising edge of measurement pulse is measured (R0EDG=0)
with TX register initial value=0F16.
Set to "1" by program
Starts counting
TXS bit in
TXMR register
“1”
“0”
“1”
“0”
CNTR0 pin
input
Timer X
contents
Contents of
read-out buffer1
Timer X
reloads
Timer X
reloads
Timer X read
(2)
(4)
(6)
Cleared to "0" by program
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
Cleared to “0” when interrupt request is accepted, or cleared by program
Cleared to “0” when interrupt request is accepted, or cleared by program
IR bit in INT1IC
register
IR bit in TXIC
register
0916
0016
Retained
Retained
0816
0F16
Underflow signal
of prescaler X
(3)
(3)
(7)
(7)
(5)
Figure 12.10 Operation Example in Pulse Period Measurement Mode
12.1 Timer (Timer X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com