Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 39Page - Renesas Technology Corp R8C/13 Datasheet HTML 40Page - Renesas Technology Corp R8C/13 Datasheet HTML 41Page - Renesas Technology Corp R8C/13 Datasheet HTML 42Page - Renesas Technology Corp R8C/13 Datasheet HTML 43Page - Renesas Technology Corp R8C/13 Datasheet HTML 44Page - Renesas Technology Corp R8C/13 Datasheet HTML 45Page - Renesas Technology Corp R8C/13 Datasheet HTML 46Page - Renesas Technology Corp R8C/13 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 32 of 205
REJ09B0111-0120
R8C/13 Group
Figure 6.3 OCD Register
RW
RW
RW
RO
b7b6b5b4b3b2b1b0
OCD0
OCD1
OCD2
OCD3
0
00
0
Oscillation stop detection register
Symbol
Address
After reset
OCD
000C16
0416
Bit name
Function
Bit symbol
System clock select bit(6)
0 0: The function is disabled(4)
0 1: Do not set
1 0: Do not set
1 1: The function is enabled(7)
0: Select main clock(7)
1: Select on-chip oscillator clock(2)
0: Main clock on
1: Main clock off
Oscillation stop
detection enable bit
Clock monitor bit(3, 5)
Reserved bit
Set to "0"
NOTES:
1. Set the PRC0 bit in the PRCR register to “1” (write enable) before rewriting this register.
2. The OCD2 bit is set to “1” (selecting on-chip oscillator clock) automatically if a main clock oscillation stop
is detected while the OCD1 to OCD0 bits are set to “112” (oscillation stop detection function enabled). If
the OCD3 bit is set to “1” (main clock stops), the OCD2 bit remains unchanged when trying to write “0”
(main clock selected).
3. The OCD3 bit is enabled when the OCD1 to OCD0 bits are set to “112” (oscillation stop detection function
enabled).
4. The OCD1 to OCD0 bits should be set to “002” (oscillation stop detection function disabled) before
entering stop mode or on-chip oscillator (main clock stops).
5. The OCD3 bit remains set to “0” (main clock on) if the OCD1 to OCD0 bits are set to “002”.
6. The CM14 bit goes to “0” (low-speed on-chip oscillator on) if the OCD2 bit is set to “1” (on-chip oscillator
clock selected).
7. Refer to Figure 6.7 “switching clock source from low-speed on-chip oscillator to main clock” for the
switching procedure when the main clock re-oscillates after detecting an oscillation stop.
b1 b0
(b7-b4)
RW
(1)
6. Clock Generating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com