Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 123Page - Renesas Technology Corp R8C/13 Datasheet HTML 124Page - Renesas Technology Corp R8C/13 Datasheet HTML 125Page - Renesas Technology Corp R8C/13 Datasheet HTML 126Page - Renesas Technology Corp R8C/13 Datasheet HTML 127Page - Renesas Technology Corp R8C/13 Datasheet HTML 128Page - Renesas Technology Corp R8C/13 Datasheet HTML 129Page - Renesas Technology Corp R8C/13 Datasheet HTML 130Page - Renesas Technology Corp R8C/13 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 116 of 205
REJ09B0111-0120
R8C/13 Group
13.1 Clock Synchronous Serial I/O Mode
Figure 13.6 Transmit and Receive Operation
• Example of transmit timing (when internal clock is selected)
Stopped pulsing because the TE bit = 0
Write data to U0TB register
Tc = TCLK = 2(n + 1) / fi
fi: frequency of U0BRG count source (f1SIO, f8SIO, f32SIO)
n: value set to U0BRG register
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
Transferred from U0TB register to UART0 transmit register
The above timing diagram applies to the case where the register bits are set as follows:
• U0MR register CKDIR bit = 0 (internal clock)
• U0C0 register CKPOL bit = 0 (transmit data output at the falling edge and receive data taken in at the rising edge of the transfer clock)
• U0IRS bit = 0 (an interrupt request occurs when the transmit buffer becomes empty):
Set to “0” when interrupt request is accepted, or set by a program
Transfer clock
U0C1 register
TE bit
U0C1 register
TI bit
CLK0
TxD0
U0C0 register
TXEPT bit
S0TIC register
IR bit
D0 D1 D2 D3
D4 D5 D6
D7
D0 D1 D2
D3 D4 D5
D6 D7
D0 D1
D2 D3
D4 D5 D6
D7
Tc
TCLK
Write dummy data to U0TB register
Transferred from U0TB register to UART0 transmit register
fEXT: frequency of external clock
U0C1 register
TE bit
CLK0
RxD0
U0C1 register
RI bit
“0”
“1”
“0”
“1”
U0C1 register
RE bit
“0”
“1”
S0RIC register
IR bit
“0”
“1”
Make sure the following conditions are met when input to the CLK0 pin before receiving data is high:
• U0C1 register TE bit = 1 (transmit enabled)
• U0C1 register RE bit = 1 (receive enabled)
• Write dummy data to the U0TB register
Receive data is taken in
Read out from U0RB register
Transferred from UART0 receive register
to U0RB register
Set to “0” when interrupt request is accepted, or set by a program
The above timing diagram applies to the case where the register bits are set as follows:
• U0MR register CKDIR bit = 1 (external clock)
• U0C0 register CKPOL bit = 0 (transmit data output at the falling edge and receive
data taken in at the rising edge of the transfer clock)
1 / fEXT
D0 D1 D2 D3
D4 D5 D6
D7
D0
D1 D2
D3 D4
D5
“0”
“1”
U0C1 register
TI bit
• Example of receive timing (when external clock is selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com