Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 130Page - Renesas Technology Corp R8C/13 Datasheet HTML 131Page - Renesas Technology Corp R8C/13 Datasheet HTML 132Page - Renesas Technology Corp R8C/13 Datasheet HTML 133Page - Renesas Technology Corp R8C/13 Datasheet HTML 134Page - Renesas Technology Corp R8C/13 Datasheet HTML 135Page - Renesas Technology Corp R8C/13 Datasheet HTML 136Page - Renesas Technology Corp R8C/13 Datasheet HTML 137Page - Renesas Technology Corp R8C/13 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 123 of 205
REJ09B0111-0120
R8C/13 Group
13.2 Clock Asynchronous Serial I/O (UART) Mode
13.2.3 Bit Rate
Divided-by-16 of frequency by the UiBRG (i=0 to 1) register in UART mode is a bit rate.
<UART Mode>
• When selecting internal clock
Setting value to the UiBRG register =
–1
fj : Count source frequency of the UiBRG register (f1SIO, f8SIO and f32SIO)
• When selecting external clock
Setting value to the UiBRG register =
–1
fEXT : Count source frequency of the UiBRG register (external clock)
fj
Bit Rate ✕ 16
fEXT
Bit Rate ✕ 16
Figure 13.11 Calculation Formula of UiBRG (i=0 to 1) Register Setting Value
Table 13.7 Bit Rate Setting Example in UART Mode
Bit Rate
BRG
System Clock = 20MHz
System Clock = 8MHz
(bps)
Count Source
BRG Setting Value Actual Time(bps)
Error(%)
BRG Setting Value Actual Time(bps)
Error(%)
1200
f8
129 (8116)
1201.92
0.16
51 (3316)
1201.92
0.16
2400
f8
64 (4016)
2403.85
0.16
25 (1916)
2403.85
0.16
4800
f8
32 (2016)
4734.85
–1.36
12 (0C16)
4807.69
0.16
9600
f1
129 (8116)
9615.38
0.16
51 (3316)
9615.38
0.16
14400
f1
86 (5616)
14367.82
–0.22
34 (2216)
14285.71
–0.79
19200
f1
64 (4016)
19230.77
0.16
25 (1916)
19230.77
0.16
28800
f1
42 (2A16)
29069.77
0.94
16 (1016)
29411.76
2.12
31250
f1
39 (2716)
31250.00
0.00
15 (0F16)
31250.00
0.00
38400
f1
32 (2016)
37878.79
–1.36
12 (0C16)
38461.54
0.16
51200
f1
23 (1716)
52083.33
1.73
9 (0916)
50000.00
–2.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com