Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 150Page - Renesas Technology Corp R8C/13 Datasheet HTML 151Page - Renesas Technology Corp R8C/13 Datasheet HTML 152Page - Renesas Technology Corp R8C/13 Datasheet HTML 153Page - Renesas Technology Corp R8C/13 Datasheet HTML 154Page - Renesas Technology Corp R8C/13 Datasheet HTML 155Page - Renesas Technology Corp R8C/13 Datasheet HTML 156Page - Renesas Technology Corp R8C/13 Datasheet HTML 157Page - Renesas Technology Corp R8C/13 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 143 of 205
REJ09B0111-0120
R8C/13 Group
15. Programmable I/O Ports
Port Pi register (i=0, 1, 3, 4)
SymbolAddressAfter reset
P000E016
Indeterminate
P100E116
Indeterminate
P300E516
Indeterminate
P400E816
Indeterminate
Bit name
Function
Bit symbol
RW
b7b6b5b4
b3b2b1b0
Pi_0
Port Pi0 bit
Pi_1Port Pi1 bit
Pi_2Port Pi2 bit
Pi_3Port Pi3 bit
Pi_4Port Pi4 bit
Pi_5Port Pi5 bit
Pi_6Port Pi6 bit
Pi_7Port Pi7 bit
The pin level on any I/O port which is
set for input mode can be read by
reading the corresponding bit in this
register.
The pin level on any I/O port which is
set for output mode can be controlled
by writing to the corresponding bit in
this register
0 : “L” level
1 : “H” level
(i = 0, 1, 3, 4)
RW
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. Bits P3_4 to P3_6 in the P3 register are unavailable on this MCU. If it is necessary to set bits P3_4 to
P3_6, set to “0” (“L” level). When read, the content is indeterminate.
2. Bits P4_0 to P4_4 in the P4 register are unavailable on this MCU. If it is necessary to set bits P4_0 to
P4_4, set to “0” (“L” level). When read, the content is indeterminate.
(1, 2)
Figure 15.8 P0 Register to P4 Register
Figure 15.7 PD0 Register, PD1 Register, PD3 Register, and PD4 Register
Port Pi direction register (i=0, 1, 3, 4)
SymbolAddressAfter reset
PD000E216
0016
PD100E316
0016
PD300E716
0016
PD400EA16
0016
Bit nameFunction
Bit symbolRW
b7b6b5b4b3b2b1b0
PDi_0Port Pi0 direction bit
PDi_1Port Pi1 direction bit
PDi_2Port Pi2 direction bit
PDi_3Port Pi3 direction bit
PDi_4Port Pi4 direction bit
PDi_5Port Pi5 direction bit
PDi_6Port Pi6 direction bit
PDi_7Port Pi7 direction bit
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
NOTES:
1. The PD0 register must be written to by the next instruction after setting the PRC2 bit in the PRCR
register to “1” (write enabled).
2. Bits PD3_4 to PD3_6 in the PD3 register are unavailable on this MCU. If it is necessary to set bits
PD3_4 to PD3_6, set to “0” (input mode). When read, the content is indeterminate.
3. Bits PD4_0 to PD4_4, PD4_6 and PD4_7 in the PD4 register are unavailable on this MCU. If it is
necessary to set bits PD4_0 to PD4_4, PD4_6 and PD4_7, set to “0” (input mode). When read,
the content is indeterminate.
RW
RW
RW
RW
RW
RW
RW
RW
(1, 2, 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com