| Electronic Components Datasheet Search |
|
R8C/13 Datasheet(PDF) 194 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/13 Datasheet(HTML) 194 Page - Renesas Technology Corp |
|
194 / 224 page ![]() R8C/13 Group 17.5 Standard Serial I/O Mode Rev.1.20 Jan 27, 2006 page 183 of 205 REJ09B0111-0120 Pin Description VCC,VSS Apply the voltage guaranteed for Program and Erase to Vcc pin and 0V to Vss pin. IVCC Connect capacitor (0.1 µF) to Vss. RESET P46/XIN Connect a ceramic resonator or crystal oscillator between XIN and XOUT pins in standard serial I/O mode 2. When using the main clock in standard serial I/O mode 1, connect a ceramic resonator or crystal oscillator between XIN and XOUT pins. When not using the main clock in standard serial I/O mode 1, connect this pin to Vcc via a resistor(pull-up) P47/XOUT AVCC, AVSS VREF Connect AVss to Vss and AVcc to Vcc, respectively. Enter the reference voltage for AD from this pin. P01 to P07 Input "H" or "L" level signal or open. P10 to P17 Input "H" or "L" level signal or open. P30 to P33 Input "H" or "L" level signal or open. P45 Input "H" or "L" level signal or open. P00 Serial data output pin MODE CNVSS Standard serial I/O mode 1: connect to flash programmer Standard serial I/O mode 2: Input "L". P37 Serial data input pin Name Power input IVCC Reset input P46 input/Clock input P47 input/Clock output Analog power supply input Reference voltage input Input port P0 Input port P1 Input port P3 Input port P4 TxD output MODE CNVSS RxD input I/O I I I/O I I I I I O I/O I/O I Standard serial I/O mode 1: connect to flash programmer Standard serial I/O mode 2: Input "L". Reset input pin. I Table 17.7 Pin Functions (Flash Memory Standard Serial I/O Mode) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |