Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 201Page - Renesas Technology Corp HD64F36034 Datasheet HTML 202Page - Renesas Technology Corp HD64F36034 Datasheet HTML 203Page - Renesas Technology Corp HD64F36034 Datasheet HTML 204Page - Renesas Technology Corp HD64F36034 Datasheet HTML 205Page - Renesas Technology Corp HD64F36034 Datasheet HTML 206Page - Renesas Technology Corp HD64F36034 Datasheet HTML 207Page - Renesas Technology Corp HD64F36034 Datasheet HTML 208Page - Renesas Technology Corp HD64F36034 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 592 page
background image
Section 12 Timer Z
Rev. 4.00 Mar. 15, 2006 Page 173 of 556
REJ09B0026-0400
12.3.4
Timer Function Control Register (TFCR)
TFCR selects the settings and output levels for each operating mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
1
Reserved
This bit is always read as 1.
6
STCLK
0
R/W
External Clock Input Select
0: External clock input is disabled
1: External clock input is enabled
5
ADEG
0
R/W
A/D Trigger Edge Select
A/D module should be set to start an A/D conversion by the
external trigger
0: A/D trigger at the crest in complementary PWM mode
1: A/D trigger at the trough in complementary PWM mode
4
ADTRG
0
R/W
External Trigger Disable
0: A/D trigger for PWM cycles is disabled in complementary
PWM mode
1: A/D trigger for PWM cycles is enabled in complementary
PWM mode
3
OLS1
0
R/W
Output Level Select 1
Selects the counter-phase output levels in reset
synchronous PWM mode or complementary PWM mode.
0: Initial output is high and the active level is low.
1: Initial output is low and the active level is high.
2
OLS0
0
R/W
Output Level Select 0
Selects the normal-phase output levels in reset
synchronous PWM mode or complementary PWM mode.
0: Initial output is high and the active level is low.
1: Initial output is low and the active level is high.
Figure 12.4 shows an example of outputs in reset
synchronous PWM mode and complementary PWM mode
when OLS1 = 0 and OLS0 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com