Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 202Page - Renesas Technology Corp HD64F36034 Datasheet HTML 203Page - Renesas Technology Corp HD64F36034 Datasheet HTML 204Page - Renesas Technology Corp HD64F36034 Datasheet HTML 205Page - Renesas Technology Corp HD64F36034 Datasheet HTML 206Page - Renesas Technology Corp HD64F36034 Datasheet HTML 207Page - Renesas Technology Corp HD64F36034 Datasheet HTML 208Page - Renesas Technology Corp HD64F36034 Datasheet HTML 209Page - Renesas Technology Corp HD64F36034 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 592 page
background image
Section 12 Timer Z
Rev. 4.00 Mar. 15, 2006 Page 174 of 556
REJ09B0026-0400
Bit
Bit Name
Initial
Value
R/W
Description
1
0
CMD1
CMD0
0
0
R/W
R/W
Combination Mode 1 and 0
00: Channel 0 and channel 1 operate normally
01: Channel 0 and channel 1 are used together to
operate in reset synchronous PWM mode
10: Channel 0 and channel 1 are used together to
operate in complementary PWM mode (transferred at
the trough)
11: Channel 0 and channel 1 are used together to
operate in complementary PWM mode (transferred at
the crest)
Note: When reset synchronous PWM mode or
complementary PWM mode is selected by these
bits, this setting has the priority to the settings for
PWM mode by each bit in TPMR. Stop TCNT_0
and TCNT_1 before making settings for reset
synchronous PWM mode or complementary PWM
mode.
TCNT_0
Normal phase
Counter phase
Normal phase
Counter phase
Active level
Active level
Active level
Active level
Complementary PWM mode
Note: Write H'00 to TOCR to start initial outputs after stopping the counter.
Reset synchronous PWM mode
Initial
output
Initial
output
TCNT_1
Figure 12.4 Example of Outputs in Reset Synchronous PWM Mode
and Complementary PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com