Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 323Page - Renesas Technology Corp HD64F36034 Datasheet HTML 324Page - Renesas Technology Corp HD64F36034 Datasheet HTML 325Page - Renesas Technology Corp HD64F36034 Datasheet HTML 326Page - Renesas Technology Corp HD64F36034 Datasheet HTML 327Page - Renesas Technology Corp HD64F36034 Datasheet HTML 328Page - Renesas Technology Corp HD64F36034 Datasheet HTML 329Page - Renesas Technology Corp HD64F36034 Datasheet HTML 330Page - Renesas Technology Corp HD64F36034 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 592 page
background image
Section 15 Controller Area Network for Tiny (TinyCAN)
Rev. 4.00 Mar. 15, 2006 Page 295 of 556
REJ09B0026-0400
Section 15 Controller Area Network for Tiny (TinyCAN)
The TinyCAN is a module for controlling a controller area network (CAN) for realtime
communication in vehicular and industrial equipment systems, etc and conforms to the Bosch
2.0B active. For details on CAN specifications, refer to Bosch CAN Specification Version 2.0
1991, Robert Bosch GmbH.
15.1
Features
• CAN version: Conforms to Bosch 2.0B active
Communication systems: NRZ (Non-Return to Zero) system (with bit-stuffing function)
Broadcast communication system
Transmission path: Bidirectional 2-wire serial communication
Communication speed: Max. 1 Mbps
Data length: 0 to 8 bytes
• Data buffers
Four (one receive-only buffer and three buffers settable for transmission/reception)
• Data transmission
Mailbox (buffer) number order (high-to-low)
• Data reception
Message identifier match
Reception with message identifier masked
Supports four buffers for the filter mask
• CPU interrupt sources
Various error interrupts
Reset/Halt mode processing interrupt
Message reception interrupt
Message transmission interrupt
• TinyCAN operating modes
Software reset
Normal status (error-active, error-passive)
Bus off state
Configuration mode
Halt mode
Module standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com