Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 326Page - Renesas Technology Corp HD64F36034 Datasheet HTML 327Page - Renesas Technology Corp HD64F36034 Datasheet HTML 328Page - Renesas Technology Corp HD64F36034 Datasheet HTML 329Page - Renesas Technology Corp HD64F36034 Datasheet HTML 330Page - Renesas Technology Corp HD64F36034 Datasheet HTML 331Page - Renesas Technology Corp HD64F36034 Datasheet HTML 332Page - Renesas Technology Corp HD64F36034 Datasheet HTML 333Page - Renesas Technology Corp HD64F36034 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 592 page
background image
Section 15 Controller Area Network for Tiny (TinyCAN)
Rev. 4.00 Mar. 15, 2006 Page 298 of 556
REJ09B0026-0400
• Message control (MCn0, MCn4 to MCn7 [n = 0 to 3])
• Local acceptance filter mask (LAFMHn1, LAFMHn0, LAFMLn1, and LAFMLn0 [n = 0 to 3])
• Message data (MDn0 to MDn7 [n = 0 to 3])
15.3.1
Test Control Register (TCR)
TCR controls the CDLC test mode.
TCR must be configured in the initial state or in halt mode. For details, see section 15.7, Test
Mode Settings.
Bit
Bit Name
Initial
Value
R/W
Description
7
TSTMD
0
R/W
Test Mode
Enables or disables the test mode.
0: TinyCAN in normal mode
1: TinyCAN in test mode
6
WREC
0
R/W
CAN Error Counters Write Enable
Enables or disables write to TEC and REC.
0: TEC and REC can only be read
1: The same value can be written to CAN Error Counter
(TEC and REC) simultaneously (enabled only in test
mode)
5
FERPS
0
R/W
Force to Error Passive Mode
Enables to force to the error-passive state.
0: CAN Error Counter is determined by TEC/REC
1: TinyCAN behaves as the error-passive state
regardless of the TEC/REC value (enabled only in test
mode)
4
ATACK
0
R/W
Auto-Acknowledge
Enables generation of an auto-acknowledge bit in order
to execute the self-test.
0: Does not to generate its auto-acknowledge bit
1: Generates its auto-acknowledge bit (enabled only in
test mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com