Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 333 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 329Page - Renesas Technology Corp HD64F36034 Datasheet HTML 330Page - Renesas Technology Corp HD64F36034 Datasheet HTML 331Page - Renesas Technology Corp HD64F36034 Datasheet HTML 332Page - Renesas Technology Corp HD64F36034 Datasheet HTML 333Page - Renesas Technology Corp HD64F36034 Datasheet HTML 334Page - Renesas Technology Corp HD64F36034 Datasheet HTML 335Page - Renesas Technology Corp HD64F36034 Datasheet HTML 336Page - Renesas Technology Corp HD64F36034 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 592 page
background image
Section 15 Controller Area Network for Tiny (TinyCAN)
Rev. 4.00 Mar. 15, 2006 Page 301 of 556
REJ09B0026-0400
15.3.3
TinyCAN Module Control Register (TCMR)
TCMR controls the configuration of module standby mode for the TinyCAN and selection of the
P97/HTXD and P96/HRXD pins.
Bit
Bit Name
Initial
Value
R/W
Description
7
MSTTC
0
R/W
TinyCAN Module Standby Control Bit
Controls the configuration of module standby mode for
the TinyCAN. When this bit is set to 1, the TinyCAN
makes a transition to module standby mode. At this time,
the values of the TinyCAN registers are preserved.
0: TinyCAN in normal mode
1: Module standby mode
6 to 2
—
All 0
—
Reserved
These bits are always read as 0.
1
PMR97
0
R/W
Port Mode Register 97
Selects a function of the P97/HTXD pin.
0: P97
1: HTXD
0
PMR96
0
R/W
Port Mode Register 96
Selects a function of the P96/HRXD pin.
0: P96
1: HRXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com