Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 328Page - Renesas Technology Corp HD64F36034 Datasheet HTML 329Page - Renesas Technology Corp HD64F36034 Datasheet HTML 330Page - Renesas Technology Corp HD64F36034 Datasheet HTML 331Page - Renesas Technology Corp HD64F36034 Datasheet HTML 332Page - Renesas Technology Corp HD64F36034 Datasheet HTML 333Page - Renesas Technology Corp HD64F36034 Datasheet HTML 334Page - Renesas Technology Corp HD64F36034 Datasheet HTML 335Page - Renesas Technology Corp HD64F36034 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 592 page
background image
Section 15 Controller Area Network for Tiny (TinyCAN)
Rev. 4.00 Mar. 15, 2006 Page 300 of 556
REJ09B0026-0400
15.3.2
Master Control Register (MCR)
MCR controls a transition request to halt mode and a software reset request.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 2
—
All 0
R/W
Reserved
These bits are always read as 0.
1
HLTRQ
0
R/W
Halt Request
Halts communication between the TinyCAN and CAN
bus. Communication with the CAN bus can be resumed
by clearing this bit to 0 and then receiving 11 recessive
bits.
0: TinyCAN in normal mode
1: Halt mode is requested
0
RSTRQ
1
R/W
Reset Request
Controls a software reset of the TinyCAN. After a reset
has been requested and the initial state is entered, both
the RESET bit in GSR and the RHI bit in TCIRR0 are set
to 1. When this bit is cleared to 0, communication with the
CAN bus is resumed. After powering on, this bit and the
RESET bit are always set to 1.
0: TinyCAN in normal mode
1: Software reset of TinyCAN is requested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com