Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 327Page - Renesas Technology Corp HD64F36034 Datasheet HTML 328Page - Renesas Technology Corp HD64F36034 Datasheet HTML 329Page - Renesas Technology Corp HD64F36034 Datasheet HTML 330Page - Renesas Technology Corp HD64F36034 Datasheet HTML 331Page - Renesas Technology Corp HD64F36034 Datasheet HTML 332Page - Renesas Technology Corp HD64F36034 Datasheet HTML 333Page - Renesas Technology Corp HD64F36034 Datasheet HTML 334Page - Renesas Technology Corp HD64F36034 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 592 page
background image
Section 15 Controller Area Network for Tiny (TinyCAN)
Rev. 4.00 Mar. 15, 2006 Page 299 of 556
REJ09B0026-0400
Bit
Bit Name
Initial
Value
R/W
Description
3
DEC
0
R/W
Error Count Disable Bit
Enables or disables the TEC and REC to be functional.
0: TEC and REC function according to CAN specification
1: TEC and REC is disabled to function (count value is
retained, enabled only in test mode)
2
DRXIN
0
R/W
HRXD Pin Input Enable
Enables or disables the HRXD pin to be supplied into the
CDLC.
0: Input from the CAN bus to the HRXD pin is enabled
1: Input from the CAN bus to the HRXD pin is disabled
(enabled only in test mode)
• When INTLE = 0, the HRXD pin always holds
recessive data.
• When INTLE = 1, data is input from the internal HTXD
to the HRXD pin.
1
DTXOT
0
R/W
HTXD Pin Output Enable
Enables or disables the HTXD pin to output the CAN bus.
0: Output from the HTXD pin to the CAN bus is enabled
1: Output from the HTXD pin to the CAN bus is disabled
(enabled only in test mode)
• When INTLE = 0, the HTXD pin always outputs
recessive data to the CAN bus.
• When INTLE = 1, the internal HTXD outputs data to
the internal HRXD.
0
INTLE
0
R/W
Internal Loop Enable
Enables or disables connection between the internal
HTXD and internal HRXD.
0: Internal HRXD is supplied from the HRXD pin
1: Internal HRXD is supplied from the internal HTXD
(enabled only in test mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com