Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 37Page - Renesas Technology Corp HD64F36022 Datasheet HTML 38Page - Renesas Technology Corp HD64F36022 Datasheet HTML 39Page - Renesas Technology Corp HD64F36022 Datasheet HTML 40Page - Renesas Technology Corp HD64F36022 Datasheet HTML 41Page - Renesas Technology Corp HD64F36022 Datasheet HTML 42Page - Renesas Technology Corp HD64F36022 Datasheet HTML 43Page - Renesas Technology Corp HD64F36022 Datasheet HTML 44Page - Renesas Technology Corp HD64F36022 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 384 page
background image
Section 2 CPU
Rev. 4.00 Sep. 23, 2005 Page 15 of 354
REJ09B0025-0400
Bit
Bit Name
Initial
Value
R/W
Description
7
I
1
R/W
Interrupt Mask Bit
Masks interrupts other than NMI when set to 1. NMI is
accepted regardless of the I bit setting. The I bit is set
to 1 at the start of an exception-handling sequence.
6
UI
Undefined
R/W
User Bit
Can be written and read by software using the LDC,
STC, ANDC, ORC, and XORC instructions.
5
H
Undefined
R/W
Half-Carry Flag
When the ADD.B, ADDX.B, SUB.B, SUBX.B, CMP.B,
or NEG.B instruction is executed, this flag is set to 1 if
there is a carry or borrow at bit 3, and cleared to 0
otherwise. When the ADD.W, SUB.W, CMP.W, or
NEG.W instruction is executed, the H flag is set to 1 if
there is a carry or borrow at bit 11, and cleared to 0
otherwise. When the ADD.L, SUB.L, CMP.L, or NEG.L
instruction is executed, the H flag is set to 1 if there is a
carry or borrow at bit 27, and cleared to 0 otherwise.
4
U
Undefined
R/W
User Bit
Can be written and read by software using the LDC,
STC, ANDC, ORC, and XORC instructions.
3
N
Undefined
R/W
Negative Flag
Stores the value of the most significant bit of data as a
sign bit.
2
Z
Undefined
R/W
Zero Flag
Set to 1 to indicate zero data, and cleared to 0 to
indicate non-zero data.
1
V
Undefined
R/W
Overflow Flag
Set to 1 when an arithmetic overflow occurs, and
cleared to 0 at other times.
0
C
Undefined
R/W
Carry Flag
Set to 1 when a carry occurs, and cleared to 0
otherwise. Used by:
• Add instructions, to indicate a carry
• Subtract instructions, to indicate a borrow
• Shift and rotate instructions, to indicate a carry
The carry flag is also used as a bit accumulator by bit
manipulation instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com