Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 82Page - Renesas Technology Corp HD64F36022 Datasheet HTML 83Page - Renesas Technology Corp HD64F36022 Datasheet HTML 84Page - Renesas Technology Corp HD64F36022 Datasheet HTML 85Page - Renesas Technology Corp HD64F36022 Datasheet HTML 86Page - Renesas Technology Corp HD64F36022 Datasheet HTML 87Page - Renesas Technology Corp HD64F36022 Datasheet HTML 88Page - Renesas Technology Corp HD64F36022 Datasheet HTML 89Page - Renesas Technology Corp HD64F36022 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 384 page
background image
Section 4 Address Break
Rev. 4.00 Sep. 23, 2005 Page 60 of 354
REJ09B0025-0400
• Break data register (BDRH, BDRL)
4.1.1
Address Break Control Register (ABRKCR)
ABRKCR sets address break conditions.
Bit
Bit Name
Initial
Value
R/W
Description
7
RTINTE
1
R/W
RTE Interrupt Enable
When this bit is 0, the interrupt immediately after
executing RTE is masked and then one instruction must
be executed. When this bit is 1, the interrupt is not
masked.
6
5
CSEL1
CSEL0
0
0
R/W
R/W
Condition Select 1 and 0
These bits set address break conditions.
00: Instruction execution cycle
01: CPU data read cycle
10: CPU data write cycle
11: CPU data read/write cycle
4
3
2
ACMP2
ACMP1
ACMP0
0
0
0
R/W
R/W
R/W
Address Compare Condition Select 2 to 0
These bits comparison condition between the address set
in BAR and the internal address bus.
000: Compares 16-bit addresses
001: Compares upper 12-bit addresses
010: Compares upper 8-bit addresses
011: Compares upper 4-bit addresses
1XX: Reserved (setting prohibited)
1
0
DCMP1
DCMP0
0
0
R/W
R/W
Data Compare Condition Select 1 and 0
These bits set the comparison condition between the data
set in BDR and the internal data bus.
00: No data comparison
01: Compares lower 8-bit data between BDRL and data
bus
10: Compares upper 8-bit data between BDRH and data
bus
11: Compares 16-bit data between BDR and data bus
Legend: X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com