Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 52Page - Renesas Technology Corp HD64F36022 Datasheet HTML 53Page - Renesas Technology Corp HD64F36022 Datasheet HTML 54Page - Renesas Technology Corp HD64F36022 Datasheet HTML 55Page - Renesas Technology Corp HD64F36022 Datasheet HTML 56Page - Renesas Technology Corp HD64F36022 Datasheet HTML 57Page - Renesas Technology Corp HD64F36022 Datasheet HTML 58Page - Renesas Technology Corp HD64F36022 Datasheet HTML 59Page - Renesas Technology Corp HD64F36022 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 384 page
background image
Section 2 CPU
Rev. 4.00 Sep. 23, 2005 Page 30 of 354
REJ09B0025-0400
2.5
Addressing Modes and Effective Address Calculation
The following describes the H8/300H CPU. In this LSI, the upper eight bits are ignored in the
generated 24-bit address, so the effective address is 16 bits.
2.5.1
Addressing Modes
The H8/300H CPU supports the eight addressing modes listed in table 2.10. Each instruction uses
a subset of these addressing modes. Addressing modes that can be used differ depending on the
instruction. For details, refer to Appendix A.4, Combinations of Instructions and Addressing
Modes.
Arithmetic and logic instructions can use the register direct and immediate modes. Data transfer
instructions can use all addressing modes except program-counter relative and memory indirect.
Bit manipulation instructions use register direct, register indirect, or the absolute addressing mode
to specify an operand, and register direct (BSET, BCLR, BNOT, and BTST instructions) or
immediate (3-bit) addressing mode to specify a bit number in the operand.
Table 2.10
Addressing Modes
No.
Addressing Mode
Symbol
1
Register direct
Rn
2
Register indirect
@ERn
3
Register indirect with displacement
@(d:16,ERn)/@(d:24,ERn)
4
Register indirect with post-increment
Register indirect with pre-decrement
@ERn+
@–ERn
5
Absolute address
@aa:8/@aa:16/@aa:24
6
Immediate
#xx:8/#xx:16/#xx:32
7
Program-counter relative
@(d:8,PC)/@(d:16,PC)
8
Memory indirect
@@aa:8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com