Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 75Page - Renesas Technology Corp HD64F36022 Datasheet HTML 76Page - Renesas Technology Corp HD64F36022 Datasheet HTML 77Page - Renesas Technology Corp HD64F36022 Datasheet HTML 78Page - Renesas Technology Corp HD64F36022 Datasheet HTML 79Page - Renesas Technology Corp HD64F36022 Datasheet HTML 80Page - Renesas Technology Corp HD64F36022 Datasheet HTML 81Page - Renesas Technology Corp HD64F36022 Datasheet HTML 82Page - Renesas Technology Corp HD64F36022 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 384 page
background image
Section 3 Exception Handling
Rev. 4.00 Sep. 23, 2005 Page 53 of 354
REJ09B0025-0400
3.4
Interrupt Exception Handling
3.4.1
External Interrupts
There are external interrupts, NMI, IRQ3, IRQ0, and WKP.
(1)
NMI
NMI interrupt is requested by input falling edge to pin
NMI.
NMI is the highest interrupt, and can always be accepted without depending on the I bit value in
CCR.
(2)
IRQ3 to IRQ0 Interrupts
IRQ3 to IRQ0 interrupts are requested by input signals to pins
IRQ3 to IRQ0. These four
interrupts are given different vector addresses, and are detected individually by either rising edge
sensing or falling edge sensing, depending on the settings of bits IEG3 to IEG0 in IEGR1.
When pins
IRQ3 to IRQ0 are designated for interrupt input in PMR1 and the designated signal
edge is input, the corresponding bit in IRR1 is set to 1, requesting the CPU of an interrupt. When
IRQ3 to IRQ0 interrupt is accepted, the I bit is set to 1 in CCR. These interrupts can be masked by
setting bits IEN3 to IEN0 in IENR1.
(3)
WKP5 to WKP0 Interrupts
WKP5 to WKP0 interrupts are requested by input signals to pins
WKP5 to WKP0. These six
interrupts have the same vector addresses, and are detected individually by either rising edge
sensing or falling edge sensing, depending on the settings of bits WPEG5 to WPEG0 in IEGR2.
When pins
WKP5 to WKP0 are designated for interrupt input in PMR5 and the designated signal
edge is input, the corresponding bit in IWPR is set to 1, requesting the CPU of an interrupt. These
interrupts can be masked by setting bit IENWP in IENR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com