Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 2Page - Renesas Technology Corp HD64F36022 Datasheet HTML 3Page - Renesas Technology Corp HD64F36022 Datasheet HTML 4Page - Renesas Technology Corp HD64F36022 Datasheet HTML 5Page - Renesas Technology Corp HD64F36022 Datasheet HTML 6Page - Renesas Technology Corp HD64F36022 Datasheet HTML 7Page - Renesas Technology Corp HD64F36022 Datasheet HTML 8Page - Renesas Technology Corp HD64F36022 Datasheet HTML 9Page - Renesas Technology Corp HD64F36022 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 384 page
background image
Rev. 4.00 Sep. 23, 2005 Page vi of xxvi
Preface
The H8/36024 Group and H8/36014 Group are single-chip microcomputers made up of the high-
speed H8/300H CPU employing Renesas Technology original architecture as their cores, and the
peripheral functions required to configure a system. The H8/300H CPU has an instruction set that
is compatible with the H8/300 CPU.
Target Users:
This manual was written for users who will be using the H8/36024 Group and
H8/36014 Group in the design of application systems. Target users are expected to
understand the fundamentals of electrical circuits, logical circuits, and
microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of the H8/36024 Group and H8/36014 Group to the target users.
Refer to the H8/300H Series Software Manual for a detailed description of the
instruction set.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the H8/300H Series Software Manual.
• In order to understand the details of a register when its name is known
Read the index that is the final part of the manual to find the page number of the entry on the
register. The addresses, bits, and initial values of the registers are summarized in section 17,
List of Registers.
Example:
Bit order:
The MSB is on the left and the LSB is on the right.
Notes:
When using the on-chip emulator (E7, E8) for H8/36014 program development and debugging,
the following restrictions must be noted.
1. The
NMI pin is reserved for the E7 or E8, and cannot be used.
2. Area H’7000 to H’7FFF is used by the E7 or E8, and is not available to the user.
3. Area H’F780 to H’FB7F must on no account be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com