Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 28Page - Renesas Technology Corp HD64F36022 Datasheet HTML 29Page - Renesas Technology Corp HD64F36022 Datasheet HTML 30Page - Renesas Technology Corp HD64F36022 Datasheet HTML 31Page - Renesas Technology Corp HD64F36022 Datasheet HTML 32Page - Renesas Technology Corp HD64F36022 Datasheet HTML 33Page - Renesas Technology Corp HD64F36022 Datasheet HTML 34Page - Renesas Technology Corp HD64F36022 Datasheet HTML 35Page - Renesas Technology Corp HD64F36022 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 384 page
background image
Section 1 Overview
Rev. 4.00 Sep. 23, 2005 Page 6 of 354
REJ09B0025-0400
1.4
Pin Functions
Table 1.1
Pin Functions
Pin No.
Type
Symbol
FP-64E
FP-48F,
FP-48B,
TNP-48
I/O
Functions
Power
source pins
V
CC
12
10
Input
Power supply pin. Connect this pin
to the system power supply.
V
SS
9
7
Input
Ground pin. Connect this pin to the
system power supply (0V).
AV
CC
3
1
Input
Analog power supply pin for the A/D
converter. When the A/D converter
is not used, connect this pin to the
system power supply.
V
CL
6
4
Input
Internal step-down power supply
pin. Connect a capacitor of around
0.1
µF between this pin and the Vss
pin for stabilization.
Clock pins
OSC1
11
9
Input
OSC2
10
8
Output
These pins connect to a crystal or
ceramic resonator for system
clocks, or can be used to input an
external clock.
See section 5, Clock Pulse
Generators, for a typical
connection.
System
control
RES
7
5
Input
Reset pin. The pull-up resistor (typ.
150 k
Ω) is incorporated. When
driven low, the chip is reset.
TEST
8
6
Input
Test pin. Connect this pin to Vss.
Interrupt
pins
NMI
35
25
Input
Non-maskable interrupt request
input pin. Be sure to pull-up by a
pull-up resistor.
IRQ0,
IRQ3
51, 54
37, 40
Input
External interrupt request input
pins. Can select the rising or falling
edge.
WKP0 to
WKP5
13, 14,
19 to 22
11 to 16
Input
External interrupt request input
pins. Can select the rising or falling
edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com