Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 59Page - Renesas Technology Corp HD64F36022 Datasheet HTML 60Page - Renesas Technology Corp HD64F36022 Datasheet HTML 61Page - Renesas Technology Corp HD64F36022 Datasheet HTML 62Page - Renesas Technology Corp HD64F36022 Datasheet HTML 63Page - Renesas Technology Corp HD64F36022 Datasheet HTML 64Page - Renesas Technology Corp HD64F36022 Datasheet HTML 65Page - Renesas Technology Corp HD64F36022 Datasheet HTML 66Page - Renesas Technology Corp HD64F36022 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 384 page
background image
Section 2 CPU
Rev. 4.00 Sep. 23, 2005 Page 37 of 354
REJ09B0025-0400
2.7
CPU States
There are four CPU states: the reset state, program execution state, program halt state, and
exception-handling state. The program execution state includes active mode. In the program halt
state there are a sleep mode, and standby mode. These states are shown in figure 2.11. Figure 2.12
shows the state transitions. For details on program execution state and program halt state, refer to
section 6, Power-Down Modes. For details on exception processing, refer to section 3, Exception
Handling.
CPU state
Reset state
Program
execution state
Program halt state
Exception-
handling state
Active
(high speed) mode
Sleep mode
Power-down
modes
The CPU executes successive program
instructions at high speed,
synchronized by the system clock
The CPU executes
successive program
instructions at reduced
speed, synchronized
by the subclock
A state in which some
or all of the chip
functions are stopped
to conserve power
A transient state in which the CPU changes
the processing flow due to a reset or an interrupt
The CPU is initialized
Standby mode
Figure 2.11 CPU Operation States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com