Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 93Page - Renesas Technology Corp HD64F36022 Datasheet HTML 94Page - Renesas Technology Corp HD64F36022 Datasheet HTML 95Page - Renesas Technology Corp HD64F36022 Datasheet HTML 96Page - Renesas Technology Corp HD64F36022 Datasheet HTML 97Page - Renesas Technology Corp HD64F36022 Datasheet HTML 98Page - Renesas Technology Corp HD64F36022 Datasheet HTML 99Page - Renesas Technology Corp HD64F36022 Datasheet HTML 100Page - Renesas Technology Corp HD64F36022 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 384 page
background image
Section 6 Power-Down Modes
Rev. 4.00 Sep. 23, 2005 Page 71 of 354
REJ09B0025-0400
6.1.2
System Control Register 2 (SYSCR2)
SYSCR2 controls the power-down modes, as well as SYSCR1.
Bit
Bit Name
Initial
Value
R/W
Description
7
SMSEL
0
R/W
Sleep Mode Selection
This bit selects the mode to transit after the execution of
a SLEEP instruction, as well as bit SSBY of SYSCR1.
For details, see table 6.2.
6
0
Reserved
This bit is always read as 0.
5
DTON
0
R/W
Direct Transfer on Flag
This bit selects the mode to transit after the execution of
a SLEEP instruction, as well as bit SSBY of SYSCR1.
For details, see table 6.2.
4
3
2
MA2
MA1
MA0
0
0
0
R/W
R/W
R/W
Active Mode Clock Select 2 to 0
These bits select the operating clock frequency in active
and sleep modes. The operating clock frequency
changes to the set frequency after the SLEEP instruction
is executed.
0XX:
φ
OSC
100:
φ
OSC/8
101:
φ
OSC/16
110:
φ
OSC/32
111:
φ
OSC/64
1, 0
All 0
Reserved
These bits are always read as 0.
Legend: X : Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com