Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 76Page - Renesas Technology Corp HD64F36022 Datasheet HTML 77Page - Renesas Technology Corp HD64F36022 Datasheet HTML 78Page - Renesas Technology Corp HD64F36022 Datasheet HTML 79Page - Renesas Technology Corp HD64F36022 Datasheet HTML 80Page - Renesas Technology Corp HD64F36022 Datasheet HTML 81Page - Renesas Technology Corp HD64F36022 Datasheet HTML 82Page - Renesas Technology Corp HD64F36022 Datasheet HTML 83Page - Renesas Technology Corp HD64F36022 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 384 page
background image
Section 3 Exception Handling
Rev. 4.00 Sep. 23, 2005 Page 54 of 354
REJ09B0025-0400
Vector fetch
ø
Internal
address bus
Internal read
signal
Internal write
signal
Internal data
bus (16 bits)
RES
Internal
processing
Initial program
instruction prefetch
(1) Reset exception handling vector address (H'0000)
(2) Program start address
(3) Initial program instruction
(2)
(3)
(2)
(1)
Reset cleared
Figure 3.1 Reset Sequence
3.4.2
Internal Interrupts
Each on-chip peripheral module has a flag to show the interrupt request status and the enable bit to
enable or disable the interrupt. For direct transfer interrupt requests generated by execution of a
SLEEP instruction, this function is included in IRR1 and IENR1.
When an on-chip peripheral module requests an interrupt, the corresponding interrupt request
status flag is set to 1, requesting the CPU of an interrupt. When this interrupt is accepted, the I bit
is set to 1 in CCR. These interrupts can be masked by writing 0 to clear the corresponding enable
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com