Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 80Page - Renesas Technology Corp HD64F36022 Datasheet HTML 81Page - Renesas Technology Corp HD64F36022 Datasheet HTML 82Page - Renesas Technology Corp HD64F36022 Datasheet HTML 83Page - Renesas Technology Corp HD64F36022 Datasheet HTML 84Page - Renesas Technology Corp HD64F36022 Datasheet HTML 85Page - Renesas Technology Corp HD64F36022 Datasheet HTML 86Page - Renesas Technology Corp HD64F36022 Datasheet HTML 87Page - Renesas Technology Corp HD64F36022 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 384 page
background image
Section 3 Exception Handling
Rev. 4.00 Sep. 23, 2005 Page 58 of 354
REJ09B0025-0400
3.5
Usage Notes
3.5.1
Interrupts after Reset
If an interrupt is accepted after a reset and before the stack pointer (SP) is initialized, the PC and
CCR will not be saved correctly, leading to a program crash. To prevent this, all interrupt requests,
including NMI, are disabled immediately after a reset. Since the first instruction of a program is
always executed immediately after the reset state ends, make sure that this instruction initializes
the stack pointer (example: MOV.W #xx: 16, SP).
3.5.2
Notes on Stack Area Use
When word data is accessed, the least significant bit of the address is regarded as 0. Access to the
stack always takes place in word size, so the stack pointer (SP: R7) should never indicate an odd
address. Use PUSH Rn (MOV.W Rn, @–SP) or POP Rn (MOV.W @SP+, Rn) to save or restore
register values.
3.5.3
Notes on Rewriting Port Mode Registers
When a port mode register is rewritten to switch the functions of external interrupt pins,
IRQ3,
IRQ0, and WKP5 to WKP0, the interrupt request flag may be set to 1.
Figure 3.4 shows a port mode register setting and interrupt request flag clearing procedure.
When switching a pin function, mask the interrupt before setting the bit in the port mode register.
After accessing the port mode register, execute at least one instruction (e.g., NOP), then clear the
interrupt request flag from 1 to 0.
CCR I bit
1
Set port mode register bit
Execute NOP instruction
Interrupts masked. (Another possibility
is to disable the relevant interrupt in
interrupt enable register 1.)
After setting the port mode register bit,
first execute at least one instruction
(e.g., NOP), then clear the interrupt
request flag to 0
Interrupt mask cleared
Clear interrupt request flag to 0
←
CCR I bit
0
←
Figure 3.4 Port Mode Register Setting and Interrupt Request Flag Clearing Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com