Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 89Page - Renesas Technology Corp HD64F36022 Datasheet HTML 90Page - Renesas Technology Corp HD64F36022 Datasheet HTML 91Page - Renesas Technology Corp HD64F36022 Datasheet HTML 92Page - Renesas Technology Corp HD64F36022 Datasheet HTML 93Page - Renesas Technology Corp HD64F36022 Datasheet HTML 94Page - Renesas Technology Corp HD64F36022 Datasheet HTML 95Page - Renesas Technology Corp HD64F36022 Datasheet HTML 96Page - Renesas Technology Corp HD64F36022 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 384 page
background image
Section 5 Clock Pulse Generators
Rev. 4.00 Sep. 23, 2005 Page 67 of 354
REJ09B0025-0400
5.1.3
External Clock Input Method
Connect an external clock signal to pin OSC
1, and leave pin OSC2 open. Figure 5.6 shows a typical
connection. The duty cycle of the external clock signal must be 45 to 55%.
OSC1
External clock input
OSC 2
Open
Figure 5.6 Example of External Clock Input
5.2
Prescalers
5.2.1
Prescaler S
Prescaler S is a 13-bit counter using the system clock (
φ) as its input clock. It is incremented once
per clock period. Prescaler S is initialized to H'0000 by a reset, and starts counting on exit from
the reset state. In standby mode and subsleep mode, the system clock pulse generator stops.
Prescaler S also stops and is initialized to H'0000. The CPU cannot read or write prescaler S.
The output from prescaler S is shared by the on-chip peripheral modules. The divider ratio can be
set separately for each on-chip peripheral function. In active mode and sleep mode, the clock input
to prescaler S is determined by the division factor designated by MA2 to MA0 in SYSCR2.
5.3
Usage Notes
5.3.1
Note on Resonators
Resonator characteristics are closely related to board design and should be carefully evaluated by
the user, referring to the examples shown in this section. Resonator circuit constants will differ
depending on the resonator element, stray capacitance in its interconnecting circuit, and other
factors. Suitable constants should be determined in consultation with the resonator element
manufacturer. Design the circuit so that the resonator element never receives voltages exceeding
its maximum rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com