Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 40Page - Renesas Technology Corp HD64F36022 Datasheet HTML 41Page - Renesas Technology Corp HD64F36022 Datasheet HTML 42Page - Renesas Technology Corp HD64F36022 Datasheet HTML 43Page - Renesas Technology Corp HD64F36022 Datasheet HTML 44Page - Renesas Technology Corp HD64F36022 Datasheet HTML 45Page - Renesas Technology Corp HD64F36022 Datasheet HTML 46Page - Renesas Technology Corp HD64F36022 Datasheet HTML 47Page - Renesas Technology Corp HD64F36022 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 384 page
background image
Section 2 CPU
Rev. 4.00 Sep. 23, 2005 Page 18 of 354
REJ09B0025-0400
2.3.2
Memory Data Formats
Figure 2.6 shows the data formats in memory. The H8/300H CPU can access word data and
longword data in memory, however word or longword data must begin at an even address. If an
attempt is made to access word or longword data at an odd address, an address error does not
occur, however the least significant bit of the address is regarded as 0, so access begins the
preceding address. This also applies to instruction fetches.
When ER7 (SP) is used as an address register to access the stack, the operand size should be word
or longword.
70
76
543210
MSB
LSB
MSB
MSB
LSB
LSB
Data Type
Address
1-bit data
Byte data
Word data
Address L
Address L
Address 2M
Address 2M+1
Longword data
Address 2N
Address 2N+1
Address 2N+2
Address 2N+3
Data Format
Figure 2.6 Memory Data Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com