Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 78Page - Renesas Technology Corp HD64F36022 Datasheet HTML 79Page - Renesas Technology Corp HD64F36022 Datasheet HTML 80Page - Renesas Technology Corp HD64F36022 Datasheet HTML 81Page - Renesas Technology Corp HD64F36022 Datasheet HTML 82Page - Renesas Technology Corp HD64F36022 Datasheet HTML 83Page - Renesas Technology Corp HD64F36022 Datasheet HTML 84Page - Renesas Technology Corp HD64F36022 Datasheet HTML 85Page - Renesas Technology Corp HD64F36022 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 384 page
background image
Section 3 Exception Handling
Rev. 4.00 Sep. 23, 2005 Page 56 of 354
REJ09B0025-0400
PC and CCR
saved to stack
SP (R7)
SP – 1
SP – 2
SP – 3
SP – 4
Stack area
SP + 4
SP + 3
SP + 2
SP + 1
SP (R7)
Even address
Prior to start of interrupt
exception handling
After completion of interrupt
exception handling
Legend:
PCH :
PCL :
CCR:
SP:
Upper 8 bits of program counter (PC)
Lower 8 bits of program counter (PC)
Condition code register
Stack pointer
Notes:
CCR
CCR*3
PCH
PCL
1.
2.
PC shows the address of the first instruction to be executed upon return from the interrupt
handling routine.
Register contents must always be saved and restored by word length, starting from
an even-numbered address.
3. Ignored when returning from the interrupt handling routine.
Figure 3.2 Stack Status after Exception Handling
3.4.4
Interrupt Response Time
Table 3.2 shows the number of wait states after an interrupt request flag is set until the first
instruction of the interrupt handling-routine is executed.
Table 3.2
Interrupt Wait States
Item
States
Total
Waiting time for completion of executing instruction*
1 to 23
15 to 37
Saving of PC and CCR to stack
4
Vector fetch
2
Instruction fetch
4
Internal processing
4
Note:
*
Not including EEPMOV instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com