Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 98Page - Renesas Technology Corp HD64F36022 Datasheet HTML 99Page - Renesas Technology Corp HD64F36022 Datasheet HTML 100Page - Renesas Technology Corp HD64F36022 Datasheet HTML 101Page - Renesas Technology Corp HD64F36022 Datasheet HTML 102Page - Renesas Technology Corp HD64F36022 Datasheet HTML 103Page - Renesas Technology Corp HD64F36022 Datasheet HTML 104Page - Renesas Technology Corp HD64F36022 Datasheet HTML 105Page - Renesas Technology Corp HD64F36022 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 384 page
background image
Section 6 Power-Down Modes
Rev. 4.00 Sep. 23, 2005 Page 76 of 354
REJ09B0025-0400
6.3
Operating Frequency in Active Mode
Operation in active mode is clocked at the frequency designated by the MA2 to MA0 bits in
SYSCR2. The operating frequency changes to the set frequency after SLEEP instruction
execution.
6.4
Direct Transition
The CPU can execute programs in active mode. The operating frequency can be changed by
making a transition directly from active mode to active mode. A direct transition can be made by
executing a SLEEP instruction while the DTON bit in SYSCR2 is set to 1. The direct transition
also enables operating frequency modification in active mode. After the mode transition, direct
transition interrupt exception handling starts.
If the direct transition interrupt is disabled in interrupt enable register 1, a transition is made
instead to sleep mode. Note that if a direct transition is attempted while the I bit in CCR is set to 1,
sleep mode will be entered, and the resulting mode cannot be cleared by means of an interrupt.
6.5
Module Standby Function
The module-standby function can be set to any peripheral module. In module standby mode, the
clock supply to modules stops to enter the power-down mode. Module standby mode enables each
on-chip peripheral module to enter the standby state by setting a bit that corresponds to each
module in MSTCR1 and MSTCR2 to 1 and cancels the mode by clearing the bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com