Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 280Page - Renesas Technology Corp HD64F36022 Datasheet HTML 281Page - Renesas Technology Corp HD64F36022 Datasheet HTML 282Page - Renesas Technology Corp HD64F36022 Datasheet HTML 283Page - Renesas Technology Corp HD64F36022 Datasheet HTML 284Page - Renesas Technology Corp HD64F36022 Datasheet HTML 285Page - Renesas Technology Corp HD64F36022 Datasheet HTML 286Page - Renesas Technology Corp HD64F36022 Datasheet HTML 287Page - Renesas Technology Corp HD64F36022 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 384 page
background image
Section 18 Electrical Characteristics
Rev. 4.00 Sep. 23, 2005 Page 258 of 354
REJ09B0025-0400
Table 18.2
DC Characteristics (2)
V
CC = 3.0 V to 5.5 V, VSS = 0.0 V, Ta = –20°C to +75°C, unless otherwise indicated.
Applicable
Values
Item
Symbol
Pins
Test Condition Min
Typ
Max
Unit
Allowable output low
current (per pin)
I
OL
Output pins
except port 8
V
CC = 4.0 V to
5.5 V
—
—
2.0
mA
Port 8
—
—
20.0
mA
Port 8
—
—
10.0
mA
Output pins
except port 8
—
—
0.5
mA
Allowable output low
current (total)
∑I
OL
Output pins
except port 8
V
CC = 4.0 V to
5.5 V
—
—
40.0
mA
Port 8
—
—
80.0
mA
Output pins
except port 8
—
—
20.0
mA
Port 8
—
—
40.0
mA
Allowable output high
current (per pin)
I –I
OH I
All output pins
V
CC = 4.0 V to
5.5 V
—
—
2.0
mA
—
—
0.2
mA
Allowable output high
current (total)
I –
∑I
OH I
All output pins
V
CC = 4.0 V to
5.5 V
—
—
30.0
mA
—
—
8.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com