Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 292Page - Renesas Technology Corp HD64F36022 Datasheet HTML 293Page - Renesas Technology Corp HD64F36022 Datasheet HTML 294Page - Renesas Technology Corp HD64F36022 Datasheet HTML 295Page - Renesas Technology Corp HD64F36022 Datasheet HTML 296Page - Renesas Technology Corp HD64F36022 Datasheet HTML 297Page - Renesas Technology Corp HD64F36022 Datasheet HTML 298Page - Renesas Technology Corp HD64F36022 Datasheet HTML 299Page - Renesas Technology Corp HD64F36022 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 384 page
background image
Section 18 Electrical Characteristics
Rev. 4.00 Sep. 23, 2005 Page 270 of 354
REJ09B0025-0400
18.3.2
DC Characteristics
Table 18.10 DC Characteristics (1)
V
CC = 2.7 V to 5.5 V, VSS = 0.0 V, Ta = –20°C to +75°C, unless otherwise specified.
Values
Item
Symbol Applicable Pins
Test Condition
Min
Typ Max
Unit
Notes
Input high
voltage
V
IH
RES, NMI
WKP0 to WKP5,
IRQ0, IRQ3,
ADTRG,TMRIV,
V
CC = 4.0 V to 5.5 V
V
CC × 0.8
—
V
CC + 0.3
V
TMCIV, FTCI,
FTIOA to FTIOD,
SCK3, SCK3_2,
SCK3_3*
1, TRGV
V
CC × 0.9
—
V
CC + 0.3
RXD, RXD_2,
RXD_3*
1,
P12 to P10,
P17 to P14,
P22 to P20,
V
CC = 4.0 V to 5.5 V
V
CC × 0.7
—
V
CC + 0.3
V
P57 to P50,
P76 to P70,
P84 to P80
V
CC × 0.8
—
V
CC + 0.3
PB3 to PB0
V
CC = 4.0 V to 5.5 V
V
CC × 0.7
—
AV
CC + 0.3
V
V
CC × 0.8
—
AV
CC + 0.3
OSC1
V
CC = 4.0 V to 5.5 V
V
CC – 0.5
—
V
CC + 0.3
V
V
CC – 0.3
—
V
CC + 0.3
Input low
voltage
V
IL
RES, NMI
WKP0 to WKP5,
IRQ0, IRQ3,
ADTRG,TMRIV,
V
CC = 4.0 V to 5.5 V
–0.3
—
V
CC × 0.2
V
TMCIV, FTCI,
FTIOA to FTIOD,
SCK3, SCK3_2,
SCK3_3*
1, TRGV
–0.3
—
V
CC × 0.1
RXD, RXD_2,
RXD_3*
1,
P12 to P10,
P17 to P14,
P22 to P20,
V
CC = 4.0 V to 5.5 V
–0.3
—
V
CC × 0.3
V
P57 to P50,
P76 to P70,
P84 to P80
PB3 to PB0
–0.3
—
V
CC × 0.2
OSC1
V
CC = 4.0 V to 5.5 V
–0.3
—
0.5
V
–0.3
—
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com