Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 36Page - Renesas Technology Corp HD6473637SW Datasheet HTML 37Page - Renesas Technology Corp HD6473637SW Datasheet HTML 38Page - Renesas Technology Corp HD6473637SW Datasheet HTML 39Page - Renesas Technology Corp HD6473637SW Datasheet HTML 40Page - Renesas Technology Corp HD6473637SW Datasheet HTML 41Page - Renesas Technology Corp HD6473637SW Datasheet HTML 42Page - Renesas Technology Corp HD6473637SW Datasheet HTML 43Page - Renesas Technology Corp HD6473637SW Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 418 page
background image
26
2.5
Instruction Set
The H8/300L Series can use a total of 55 instructions, which are grouped by function in table 2.3.
Table 2.3
Instruction Set
Function
Instructions
Number
Data transfer
MOV, PUSH
*1, POP*1
1
Arithmetic operations
ADD, SUB, ADDX, SUBX, INC, DEC, ADDS,
SUBS, DAA, DAS, MULXU, DIVXU, CMP, NEG
14
Logic operations
AND, OR, XOR, NOT
4
Shift
SHAL, SHAR, SHLL, SHLR, ROTL, ROTR,
ROTXL, ROTXR
8
Bit manipulation
BSET, BCLR, BNOT, BTST, BAND, BIAND, BOR,
BIOR, BXOR, BIXOR, BLD, BILD, BST, BIST
14
Branch
Bcc
*2, JMP, BSR, JSR, RTS
5
System control
RTE, SLEEP, LDC, STC, ANDC, ORC, XORC, NOP
8
Block data transfer
EEPMOV
1
Total: 55
Notes: 1. PUSH Rn is equivalent to MOV.W Rn, @–SP.
POP Rn is equivalent to MOV.W @SP+, Rn. The machine language is also the same.
2. Bcc is a conditional branch instruction in which cc represents a condition code.
The following sections give a concise summary of the instructions in each category, and indicate
the bit patterns of their object code. The notation used is defined next.
The functions of the instructions are shown in tables 2.4 to 2.11. The meaning of the operation
symbols used in the tables is as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com