Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 94Page - Renesas Technology Corp HD6473637SW Datasheet HTML 95Page - Renesas Technology Corp HD6473637SW Datasheet HTML 96Page - Renesas Technology Corp HD6473637SW Datasheet HTML 97Page - Renesas Technology Corp HD6473637SW Datasheet HTML 98Page - Renesas Technology Corp HD6473637SW Datasheet HTML 99Page - Renesas Technology Corp HD6473637SW Datasheet HTML 100Page - Renesas Technology Corp HD6473637SW Datasheet HTML 101Page - Renesas Technology Corp HD6473637SW Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 418 page
background image
84
4.4
Prescalers
The H8/3637S Series is equipped with two on-chip prescalers having different input clocks
(prescaler S and prescaler W). Prescaler S is a 13-bit counter using the system clock (ø) as its
input clock. Its prescaled outputs provide internal clock signals for on-chip peripheral modules.
Prescaler W is a 5-bit counter using a 32.768-kHz signal divided by 4 (ø
W/4) as its input clock. Its
prescaled outputs are used by timer A as a time base for timekeeping.
Prescaler S (PSS): Prescaler S is a 13-bit counter using the system clock (ø) as its input clock. It
is incremented once per clock period.
Prescaler S is initialized to H'0000 by a reset, and starts counting on exit from the reset state.
In standby mode, watch mode, subactive mode, and subsleep mode, the system clock pulse
generator stops. Prescaler S also stops and is initialized to H'0000.
The CPU cannot read or write prescaler S.
The output from prescaler S is shared by the on-chip peripheral modules. The divider ratio can be
set separately for each on-chip peripheral function.
In active (medium-speed) mode the clock input to prescaler S is ø
OSC/16.
Prescaler W (PSW): Prescaler W is a 5-bit counter using a 32.768 kHz signal divided by 4 (ø
W/4)
as its input clock.
Prescaler W is initialized to H'00 by a reset, and starts counting on exit from the reset state.
Even in standby mode, watch mode, subactive mode, or subsleep mode, prescaler W continues
functioning so long as clock signals are supplied to pins X
1 and X2.
Prescaler W can be reset by setting 1s in bits TMA3 and TMA2 of timer mode register A (TMA).
Output from prescaler W can be used to drive timer A, in which case timer A functions as a time
base for timekeeping.
4.5
Note on Oscillators
Oscillator characteristics of both the masked ROM and ZTAT
TM versions are closely related to
board design and should be carefully evaluated by the user, referring to the examples shown in this
section and figure 4.10, Example of Crystal and Ceramic Oscillator Layout. Oscillator circuit
constants will differ depending on the oscillator element, stray capacitance in its interconnecting
circuit, and other factors. Suitable constants should be determined in consultation with the
oscillator element manufacturer. Design the circuit so that the oscillator element never receives
voltages exceeding its maximum rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com