Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 28Page - Renesas Technology Corp HD6473637SW Datasheet HTML 29Page - Renesas Technology Corp HD6473637SW Datasheet HTML 30Page - Renesas Technology Corp HD6473637SW Datasheet HTML 31Page - Renesas Technology Corp HD6473637SW Datasheet HTML 32Page - Renesas Technology Corp HD6473637SW Datasheet HTML 33Page - Renesas Technology Corp HD6473637SW Datasheet HTML 34Page - Renesas Technology Corp HD6473637SW Datasheet HTML 35Page - Renesas Technology Corp HD6473637SW Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 418 page
background image
18
2.3.1
Data Formats in General Registers
General register data formats are shown in figure 2.3.
76543210
Don’t care
Data Type
Register No.
Data Format
70
1-bit data
RnH
76543210
Don’t care
70
1-bit data
RnL
MSB
LSB
Don’t care
70
Byte data
RnH
Byte data
RnL
Word data
Rn
4-bit BCD data
RnH
4-bit BCD data
RnL
Legend:
RnH:
RnL:
MSB:
LSB:
Upper byte of general register
Lower byte of general register
Most significant bit
Least significant bit
MSB
LSB
Don’t care
70
MSB
LSB
15
0
Upper digit
Lower digit
Don’t care
70
3
4
Don’t care
Upper digit
Lower digit
70
3
4
Figure 2.3 Register Data Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com